Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2516PCBA-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2516PCBA-410
Description  VHF/UHF TRANSMIITER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516PCBA-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2516PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 9Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 10Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 11Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 12Page - RF Micro Devices RF2516PCBA-410 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9 of 22
RF2516
Rev A17 DS060712
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
As mentioned earlier, the inductors and the varactors are tuning a differential amplifier. To tune the VCO the designer only
needs to calculate the value of the inductors connected to pins 12 and 13 (RESNTR- and RESNTR+). The inductor value is
determined by the equation:
In this equation, f is the desired operating frequency and L is the value of the inductor required. The value C is the amount of
capacitance presented by the varactors and parasitics. For calculation purposes 1.5pF should be used. The factor of one-half
is due to the inductors being in each leg. As an example, assume an operating frequency of 433MHz. The calculated value of
each inductor is 45nH. A 47nH inductor would be appropriate as the closest available value.
The setup of the VCO can be summarized as follows. First, open the loop. Next, get the VCO to run on the desired frequency by
selecting the proper inductor and capacitor values. The capacitor value will need to include the varactor and circuit parasitics.
After the VCO is running at the desired frequency, set the VCO sensitivity. The sensitivity is determined by connecting the con-
trol voltage input point to ground and noting the frequency.
Connect the same point to the supply, and again note the frequency. The difference between these two frequencies divided by
the supply voltage is the VCO sensitivity expressed in Hz/V. Increasing the inductor value while decreasing the capacitor value
will increase the sensitivity. Decreasing the inductor value while increasing the capacitor value will lower the sensitivity.
When increasing or decreasing component values, make sure that the center frequency remains constant. Finally, close the
loop.
External to the part, the designer needs to implement a loop filter to complete the PLL. The loop filter converts the output of
the charge pump into a voltage that is used to control the VCO. Internally, the VCO is connected to the charge pump output
through a 4k
Ω resistor. The loop filter is then connected in parallel to this point at pin 14 (LOOP FLT). This limits the loop filter
topology to a second order filter usually consisting of a shunt capacitor and a shunt series RC. A passive filter is most common,
as it is a low-cost and low-noise design. An additional pole could be used for reducing the reference spurs, however there is not
a way to add the series resistor. However, this should not be a reason for concern.
4 k
Ω
LOOP FLT
L
L
RESNTR+
RESNTR-
L
1
2
π f
⋅⋅
----------------
⎝⎠
⎛⎞ 2 1
C
----
1
2
---
⋅⋅
=


Similar Part No. - RF2516PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516PCBA-410 RFMD-RF2516PCBA-410 Datasheet
272Kb / 22P
   VHF/UHF TRANSMIITER
More results

Similar Description - RF2516PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
   VHF/UHF TRANSMIITER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
   VHF/UHF TRANSMITTER
logo
Motorola, Inc
MMBTH10LT1 MOTOROLA-MMBTH10LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
logo
Fairchild Semiconductor
KSP10 FAIRCHILD-KSP10 Datasheet
51Kb / 5P
   VHF/UHF transistor
logo
Motorola, Inc
MMBT918LT1 MOTOROLA-MMBT918LT1 Datasheet
97Kb / 4P
   VHF/UHF Transistor
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
   VHF/UHF TRANSISTOR
logo
List of Unclassifed Man...
USP10 ETC1-USP10 Datasheet
46Kb / 1P
   VHF/UHF TRANSISTOR
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
   VHF/UHF Transistors
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
   VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
   VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com