Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV857LFC-32 Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY2SSTV857LFC-32
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV857LFC-32 Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY2SSTV857LFC-32 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CY2SSTV857-32
Rev 1.0, November 21, 2006
Page 5 of 8
CLK
CLK#
DDR-SDRAM
PLL
FBIN
FBIN#
120 Ohm
120 Ohm
DDR-SDRAM
Stack
DDR-SDRAM
Stack
120 Ohm
VTR
VCP
0.3"
= 2.5"
= 0.6" (Split to Terminator)
DDR-SDRAM
represents a capacitive load
FBOUT#
FBOUT
DDR-SDRAM
DDR-SDRAM
DDR-SDRAM
Output load capacitancce for 4 DDR-SDRAM Loads: 10 pF < CL < 16 pF
Figure 5. Clock Structure # 1
60 O h m
Re c e iv e r
VC P
VT R
R
T = 12 0 O h m
OU T
OU T #
V DDQ
60 O h m
14 pF
14 pF
V DDQ/ 2
V DDQ / 2
VD D Q
Figure 6. Differential Signal Using Direct Termination Resistor


Similar Part No. - CY2SSTV857LFC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857LFC-32 CYPRESS-CY2SSTV857LFC-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
CY2SSTV857LFC-32T CYPRESS-CY2SSTV857LFC-32T Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
More results

Similar Description - CY2SSTV857LFC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857-32 CYPRESS-CY2SSTV857-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
logo
SpectraLinear Inc
CY2SSTV857-27 SPECTRALINEAR-CY2SSTV857-27 Datasheet
134Kb / 8P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com