Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV857LFC-32 Datasheet(PDF) 2 Page - SpectraLinear Inc

Part # CY2SSTV857LFC-32
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV857LFC-32 Datasheet(HTML) 2 Page - SpectraLinear Inc

  CY2SSTV857LFC-32 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTV857LFC-32 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CY2SSTV857-32
Rev 1.0, November 21, 2006
Page 2 of 8
Pin Description
Pin #
48 TSSOP
Pin #
40 QFN
Pin Name
I/O[1]
Pin Description
Electrical
Characteristics
13, 14
5,6
CLK, CLK#
I
Differential Clock Input.
LV Differential Input
35
25
FBIN#
I
Feedback Clock Input. Connect to FBOUT# for
accessing the PLL.
Differential Input
36
26
FBIN
I
Feedback Clock Input. Connect to FBOUT for
accessing the PLL.
3, 5, 10, 20, 22
37,39,3,12,14
Y(0:4)
O
Clock Outputs.
Differential Outputs
2, 6, 9, 19, 23
36,40,2,11,15
Y#(0:4)
O
Clock Outputs.
27, 29, 39, 44, 46 17,19,29,32,34
Y(9:5)
O
Clock Outputs.
Differential Outputs
26, 30, 40, 43, 47 16,20,30,31,35
Y#(9:5)
O
Clock Outputs.
32
21
FBOUT
O
Feedback Clock Output. Connect to FBIN for
normal operation. A bypass delay capacitor at
this output will control Input Reference/Output
Clocks phase relationships.
Differential Outputs
33
22
FBOUT#
O
Feedback Clock Output. Connect to FBIN# for
normal operation. A bypass delay capacitor at
this output will control Input Reference/Output
Clocks phase relationships.
37
27
PD#
I
Power Down Input. When PD# is set HIGH, all
Q and Q# outputs are enabled and switch at the
same frequency as CLK. When set LOW, all Q
and Q# outputs are disabled Hi-Z and the PLL
is powered down.
4, 11,12,15, 21,
28, 34, 38, 45
4,7,13,18,23,24,
28,33,38
VDDQ
2.6V Power Supply for Output Clock Buffers.2.6V Nominal
16
8
AVDD
2.6V Power Supply for PLL. When VDDA is at
GND, PLL is bypassed and CLK is buffered
directly to the device outputs. During disable
(PD# = 0), the PLL is powered down.
2.6V Nominal
1, 7, 8, 18, 24, 25,
31, 41, 42, 48
1,10
VSS
Common Ground.
0.0V Ground
17
9
AVSS
Analog Ground.0.0V Analog
Ground
Note:
1. A bypass capacitor (0.1 F) should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins, their
high-frequency filtering characteristic will be cancelled by the lead inductance of the traces.
40 QFN
CY2SSTV857-32
19
18
17
16
15
14
13
12
11
20
32
33
34
35
36
37
38
39
40
31
30
29
28
27
26
25
24
23
22
21
Y7#
VDDQ
Y7
PD#
FBIN
FBIN#
VDDQ
VDDQ
FBOUT#
FBOUT
1
2
3
4
5
6
7
8
9
10
VSS
Y2
Y2#
VDDQ
CLK
CLK#
VDDQ
AVDD
AVSS
VSS
40 QFN Package


Similar Part No. - CY2SSTV857LFC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857LFC-32 CYPRESS-CY2SSTV857LFC-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
CY2SSTV857LFC-32T CYPRESS-CY2SSTV857LFC-32T Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
More results

Similar Description - CY2SSTV857LFC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857-32 CYPRESS-CY2SSTV857-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
logo
SpectraLinear Inc
CY2SSTV857-27 SPECTRALINEAR-CY2SSTV857-27 Datasheet
134Kb / 8P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com