Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV855ZXI Datasheet(PDF) 5 Page - SpectraLinear Inc

Part # CY2SSTV855ZXI
Description  Differential Clock Buffer/Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV855ZXI Datasheet(HTML) 5 Page - SpectraLinear Inc

  CY2SSTV855ZXI Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV855ZXI Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV855ZXI Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV855ZXI Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV855ZXI Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV855ZXI Datasheet HTML 6Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CY2SSTV855
Rev 1.0, November 21, 2006
Page 5 of 6
Absolute Maximum Conditions[3]
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD: ............. VDD + 0.3V
Storage Temperature: ................................ –65 C to + 150 C
Operating Temperature:................................ –40 C to +85 C
Maximum Power Supply: ................................................ 3.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field; however,
precautions should be taken to avoid application of any
voltage higher than the maximum rated voltages to this circuit.
For proper operation, Vin and Vout should be constrained to the
range:
VSS < (Vin or Vout) < VDD.
Unused inputs must always be tied to an appropriate logic
voltage level (either VSS or VDD).
DC Electrical Specifications (AVDD = VDDQ = 2.5V ± 5%, TA = –40°C to +85°C)
[4]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VID
Differential Input Voltage[5]
CLKINT, FBINT
0.36
VDDQ + 0.6
V
VIX
Differential Input Crossing Voltage[6] CLKTIN, FBINT
(VDDQ/2) –
0.2
VDDQ/2 (VDDQ/2) +
0.2
V
IIN
Input Current
VIN = 0V or VIN = VDDQ, CLKINT,
FBINT
–10
10
µA
IOL
Output Low Current
VDDQ = 2.375V, VOUT = 1.2V
26
35
mA
IOH
Output High Current
VDDQ = 2.375V, VOUT = 1V
–18
–32
mA
VOL
Output Low Voltage
VDDQ = 2.375V, IOL = 12 mA
0.6
V
VOH
Output High Voltage
VDDQ = 2.375V, IOH = –12 mA
1.7
V
VOUT
Output Voltage Swing[7]
1.1
VDDQ – 0.4
V
VOC
Output Crossing Voltage[8]
(VDDQ/2) –
0.2
VDDQ/2 (VDDQ/2) +
0.2
V
IOZ
High-Impedance Output Current
VO = GND or VO = VDDQ
–10
10
µA
IDDQ
Dynamic Supply Current[9]
VDDQ = 170 MHz
235
300
mA
IDD
PLL Supply Current
AVDD only
9
12
mA
Cin
Input Pin Capacitance
4
pF
AC Electrical Specifications (AVDD = VDDQ = 2.5V±5%, TA = –40°C to +85°C)
[10, 11]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
fCLK
Operating Clock Frequency
AVDD = 2.5V 0.2V
60
170
MHz
tDC
Input Clock Duty Cycle[12]
40
60
%
tLOCK
Maximum PLL lock Time
100
µs
tSL(O)
Output Clocks Slew Rate
20% to 80% of VOD
1
2
V/ns
tPZL, tPZH
Output Enable Time (all outputs)[13]
30
ns
tPLZ, tPHZ
Output Disable Time (all outputs)[13]
10
ns
tCCJ
Cycle to Cycle Jitter
f > 66 MHz
–100
100
ps
tJITT(H-PER) Half-period jitter
f > 66 MHz
–100
100
ps
Notes:
3. Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
4. Unused inputs must be held HIGH or LOW to prevent them from floating.
5. Differential input signal voltage specifies the differential voltage |VTR – VCP| required for switching, where VTR is the true input level and VCP is the comple-
mentary input level.
6. Differential cross-point input voltage is expected to track VDDQ and is the voltage at which the differential signals must be crossing.
7. For load conditions see Figure 6.
8. The value of VOC is expected to be |VTR + VCP|/2. In case of each clock directly terminated by a 120 resistor. See Figure 6.
9. All outputs switching loaded with 16 pF in 60
environment. See Figure 6.
10. Parameters are guaranteed by design and characterization. Not 100% tested in production.
11. PLL is capable of meeting the specified parameters while supporting SSC synthesizers with modulation frequency between 30 kHz and 33.3 kHz with a
downspread of –0.5%
12. While the pulse skew is almost constant over frequency, the duty cycle error increases at higher frequencies. This is due to the formula: duty cycle = tWH/tC,
where the cycle time (tC) decreases as the frequency goes up.
13. Refers to transition of non-inverting output.
14. All differential input and output terminals are terminated with 120 /16 pF as shown in Figure 6.


Similar Part No. - CY2SSTV855ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV855ZXI CYPRESS-CY2SSTV855ZXI Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV855ZXIT CYPRESS-CY2SSTV855ZXIT Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
More results

Similar Description - CY2SSTV855ZXI

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
CY2SSTV8575 CYPRESS-CY2SSTV8575 Datasheet
122Kb / 8P
   Differential Clock Buffer/Driver
CY2SSTV850 CYPRESS-CY2SSTV850 Datasheet
115Kb / 11P
   Differential Clock Buffer/Driver
CY2SSTV855 CYPRESS-CY2SSTV855_06 Datasheet
133Kb / 7P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY2SSTV8575 SPECTRALINEAR-CY2SSTV8575 Datasheet
134Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY2SSTV855 SILABS-CY2SSTV855 Datasheet
78Kb / 6P
   Differential Clock Buffer/Driver
logo
SpectraLinear Inc
CY28358 SPECTRALINEAR-CY28358 Datasheet
135Kb / 10P
   200-MHz Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY28358 CYPRESS-CY28358 Datasheet
76Kb / 11P
   200-MHz Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com