Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTV857-32 Datasheet(PDF) 8 Page - SpectraLinear Inc

Part # CY2SSTV857-32
Description  Differential Clock Buffer/Driver DDR400/PC3200-Compliant
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTV857-32 Datasheet(HTML) 8 Page - SpectraLinear Inc

  CY2SSTV857-32 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTV857-32 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Rev 1.0, November 21, 2006
Page 8 of 8
CY2SSTV857-32
While SLI has reviewed all information herein for accuracy and reliability, Spectra Linear Inc. assumes no responsibility for the use of any cir-
cuitry or for the infringement of any patents or other rights of third parties which would result from each use. This product is intended for use in
normal commercial applications and is not warranted nor is it intended for use in life support, critical medical instruments, or any other applica-
tion requiring extended temperature range, high reliability, or any other extraordinary environmental requirements unless pursuant to additional
processing by Spectra Linear Inc., and expressed written agreement by Spectra Linear Inc. Spectra Linear Inc. reserves the right to change any
circuitry or specification without notice.
Package Drawing and Dimension
1.100[0.043]
0.051[0.002]
0.851[0.033]
SEATING
PLANE
1
24
0.508[0.020]
0.500[0.019]
7.950[0.313]
0.25[0.010]
6.198[0.244]
12.395[0.488]
8.255[0.325]
5.994[0.236]
0.950[0.037]
0.500[0.020]
BSC
12.598[0.496]
0.152[0.006]
0.762[0.030]
0°-8°
DIMENSIONS IN MM[INCHES] MIN.
MAX.
MAX.
0.170[0.006]
0.279[0.011]
GAUGE PLANE
0.20[0.008]
25
48
0.100[0.003]
0.200[0.008]
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.33gms
PART #
Z4824 STANDARD PKG.
ZZ4824 LEAD FREE PKG.
48-lead (240-mil) TSSOP II Z4824
0.60[0.024]
5.70[0.224]
5.90[0.232]
A
C
1.00[0.039] MAX.
N
SEATING
PLANE
N
2
0.18[0.007]
0.50[0.020]
1
1
0.08[0.003]
0.50[0.020]
0.05[0.002] MAX.
2
(4X)
C
0.24[0.009]
0.20[0.008] REF.
0.80[0.031] MAX.
PIN1 ID
0°-12°
4.45[0.175]
6.10[0.240]
5.80[0.228]
4.55[0.179]
0.45[0.018]
0.20[0.008] R.
DIA.
0.28[0.011]
0.30[0.012]
0.60[0.024]
TOP VIEW
BOTTOM VIEW
SIDE VIEW
E-PAD
(PAD SIZE VARY
BY DEVICE TYPE)
DIMENSIONS IN MM[INCHES] MIN.
MAX.
REFERENCE JEDEC MO-220
40-lead QFN 6 x 6 MM LF40A


Similar Part No. - CY2SSTV857-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857-32 CYPRESS-CY2SSTV857-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
More results

Similar Description - CY2SSTV857-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTV857-32 CYPRESS-CY2SSTV857-32 Datasheet
166Kb / 9P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Silicon Laboratories
CY2SSTV857ZXC-32 SILABS-CY2SSTV857ZXC-32 Datasheet
96Kb / 8P
   Differential Clock Buffer/Driver DDR400/PC3200-Compliant
logo
Cypress Semiconductor
CY28351 CYPRESS-CY28351 Datasheet
73Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
CY28352 CYPRESS-CY28352 Datasheet
172Kb / 8P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
SpectraLinear Inc
CY28352 SPECTRALINEAR-CY28352 Datasheet
118Kb / 7P
   Differential Clock Buffer/Driver DDR400- and DDR333-Compliant
logo
Cypress Semiconductor
CY2SSTV857-27 CYPRESS-CY2SSTV857-27 Datasheet
150Kb / 9P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
logo
SpectraLinear Inc
CY2SSTV857-27 SPECTRALINEAR-CY2SSTV857-27 Datasheet
134Kb / 8P
   Differential Clock Buffer/Driver DDR333/PC2700-Compliant
CY28351 SPECTRALINEAR-CY28351 Datasheet
145Kb / 7P
   Differential Clock Buffer/Driver
logo
Silicon Laboratories
CY28353-2 SILABS-CY28353-2 Datasheet
111Kb / 9P
   Differential Clock Buffer/Driver
logo
Cypress Semiconductor
CY2SSTV855 CYPRESS-CY2SSTV855 Datasheet
162Kb / 7P
   Differential Clock Buffer/Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com