Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2705GPCBA-41X Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2705GPCBA-41X
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705GPCBA-41X Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2705GPCBA-41X Datasheet HTML 7Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 8Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 9Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 10Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 11Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 12Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 13Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 14Page - RF Micro Devices RF2705GPCBA-41X Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11 of 26
RF2705G
Rev A0 DS060206
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Specifications
Operating Range
Supply Voltage
2.7
3.3
V
Temperature
-40
+85
°C
Current Consumption
Refer to Logic Control Truth Table for Mode
Control Pin Voltages.
Sleep
<1
10
μA
Wideband FLOx1 (high power)
114
mA
GC=2.0V
*
85
mA
GC=0.2V
(medium power)
89
mA
GC=2.0V
*
54
mA
GC=0.2V
(low power)
63
mA
GC=2.0V. See Note 1.
*
42
mA
GC=0.2V. See Note 1.
Wideband FLOx2 (high power)
110
mA
GC=2.0V
84
mA
GC=0.2V
(medium power)
80
mA
GC=2.0V
53
mA
GC=0.2V
(low power)
54
mA
GC=2.0V. See Note 1.
41
mA
GC=0.2V. See Note 1.
High Band FLOx2
72
mA
GC=2.0V
Low Band FLO/2
82
mA
GC=2.0V
High Band Bypass
23
mA
Low Band Bypass
22
mA
High Band FLOx1
76
mA
GC=2.0V
Low Band FLOx1
74
mA
GC=2.0V
Logic Levels
Input Logic 0
0
0.4
V
Input Logic 1
1.4
VCC
V
Logic Pins Input Current
<1.0
μACMOS inputs
LO Input Ports
LO LB Input Frequency Range
800
1000
MHz
LO HB Input Frequency Range
1600
2000
MHz
Input Impedance
50
Ω
Externally matched


Similar Part No. - RF2705GPCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2705GPCBA-41X RFMD-RF2705GPCBA-41X Datasheet
349Kb / 24P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
More results

Similar Description - RF2705GPCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2705G RFMD-RF2705G Datasheet
349Kb / 24P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2705 RFMD-RF2705 Datasheet
379Kb / 24P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF3854 RFMD-RF3854 Datasheet
525Kb / 26P
   LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
RF2483 RFMD-RF2483 Datasheet
423Kb / 20P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_11 Datasheet
3Mb / 34P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_06 Datasheet
524Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
RF2483 RFMD-RF2483_1 Datasheet
753Kb / 28P
   LOW NOISE DUAL-BAND QUADRATURE MODULATOR WITH AGC
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7777 AVAGO-ACPM-7777 Datasheet
228Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
logo
Broadcom Corporation.
ACPM-7600 BOARDCOM-ACPM-7600 Datasheet
233Kb / 3P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
ACPM-7620 BOARDCOM-ACPM-7620 Datasheet
193Kb / 4P
   Multiband Multimode PA Quad-Band GSM/EDGE and Multi Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com