Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2861 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2861
Description  CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2861 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2861_1 Datasheet HTML 5Page - RF Micro Devices RF2861_1 Datasheet HTML 6Page - RF Micro Devices RF2861_1 Datasheet HTML 7Page - RF Micro Devices RF2861_1 Datasheet HTML 8Page - RF Micro Devices RF2861_1 Datasheet HTML 9Page - RF Micro Devices RF2861_1 Datasheet HTML 10Page - RF Micro Devices RF2861_1 Datasheet HTML 11Page - RF Micro Devices RF2861_1 Datasheet HTML 12Page - RF Micro Devices RF2861_1 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9 of 16
RF2861
Rev A3 DS050902
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Single-End Matching
8
7
6
5
3
4
1
2
13
14
15
16
10
9
12
11
C2
R1
L1
33 nF
L2
LO IN
2.2 nH
LO
OUT
33 nF
10 nH
3.9 pF
RF Saw
4
5
6
3
GND
GND
GND
GND
2
1
9.1 k
Ω
20 k
Ω
22 nH
33 nF
C1
C3
VCC
C4
IF Saw
4
59
10
IF+
IF-
VCC
VCC
G1
TX BUFF
ENABLE
ENABLE
G2
CELL LNA IN
1.2 nH
33 nF
33 nH
DNI
C5
L3
33 nF
+
85 MHz IF (LO
FREQ=965 MHz)
43
43
DNI
2.7
72
72
5.1
DNI
220
SAWTEK 855845
184 MHz IF (LO
FREQ=1064 MHz)
13
13
DNI
2.7
55
55
10
DNI
43
EPCOS B4955
C1
(pF)
C2
(pF)
C3
R1
(k
Ω)
L1
(nH)
L2
(nH)
C4
(pF)
C5
L3
(nH)
IF SAW FILTER


Similar Part No. - RF2861_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results

Similar Description - RF2861_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461_06 Datasheet
355Kb / 12P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
MAX2685 MAXIM-MAX2685_00 Datasheet
174Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
Rev 1; 12/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com