Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTU877BVXC-32 Datasheet(PDF) 7 Page - SpectraLinear Inc

Part # CY2SSTU877BVXC-32
Description  1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc

CY2SSTU877BVXC-32 Datasheet(HTML) 7 Page - SpectraLinear Inc

  CY2SSTU877BVXC-32 Datasheet HTML 1Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 2Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 3Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 4Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 5Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 6Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 7Page - SpectraLinear Inc CY2SSTU877BVXC-32 Datasheet HTML 8Page - SpectraLinear Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CY2SSTU877
Rev 1.0, November 21, 2006
Page 7 of 8
CLKT/CLKC
CLKT
CLKC
Figure 8. Output Enable and Disable Times
Figure 9. Input/Output Slew Rates
CLKT
CLKC
PLL
AVDD
AGND
0.1
µF
2200 pF
4.7 pF
R1
CARD
VIA
CARD
VIA
VDDQ
GND
Bead
1206
0603
0603
Figure 10. AVDD Filtering
[3,4,5]
Ordering Information
Part Number
Package Type
Product Flow
Lead-free and ROHS Compliant
CY2SSTU877BVXC-32
52-pin VFBGA for DDR400
Commercial, 0 to 70 C
CY2SSTU877BVXC-32T
52-pin VFBGA for DDR400 – Tape& Reel Commercial, 0 to 70 C
CY2SSTU877BVXI-32
52-pin VFBGA for DDR400
Industrial, –40 to 85 C
CY2SSTU877BVXI-32T
52-pin VFBGA for DDR400 – Tape& Reel Industrial, –40 to 85 C
CY2SSTU877BVXC-43
52-pin VFBGA for DDR533
Commercial, 0 to 70 C
CY2SSTU877BVXC-43T
52-pin VFBGA for DDR533 – Tape& Reel Commercial, 0 to 70 C
CY2SSTU877BVXI-43
52-pin VFBGA for DDR533
Industrial, –40 to 85 C
CY2SSTU877BVXI-43T
52-pin VFBGA for DDR533 – Tape& Reel Industrial, –40 to 85 C
Notes:
3. Place the 2200-pF capacitor close to the PLL.
4. Use a wide trace for the PLL analog power and ground. Connect PLL & Caps to AGND trace & connect trace to one GND via (farthest from PLL).
5. Recommended bead: Fair-Rite P/N 2506036017Y0 or equivalent (0.9 ohm DC max, 600 ohms@100 MHz).


Similar Part No. - CY2SSTU877BVXC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
CY2SSTU877BVXC-32T CYPRESS-CY2SSTU877BVXC-32T Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877BVXC-32

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
217Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
W232 CYPRESS-W232_02 Datasheet
106Kb / 6P
   Ten Output Zero Delay Buffer
W232 CYPRESS-W232 Datasheet
139Kb / 5P
   Ten Output Zero Delay Buffer
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
W232-09XT CYPRESS-W232-09XT Datasheet
326Kb / 6P
   Ten Output Zero Delay Buffer
logo
Integrated Device Techn...
9DBV0231 IDT-9DBV0231_16 Datasheet
269Kb / 17P
   2-output 1.8V PCIe Gen1/2/3 Zero Delay /Fanout Buffer
9DBV0841 IDT-9DBV0841_16 Datasheet
207Kb / 16P
   8-output 1.8V PCIe Gen1-3 Zero-Delay/Fan-out Buffer
logo
Exar Corporation
XRK39653 EXAR-XRK39653 Datasheet
192Kb / 7P
   3.3V, 8-OUTPUT ZERO DELAY BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com