Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2314 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2314
Description  GENERAL PURPOSE LOW NOISE AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2314 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2314_1 Datasheet HTML 1Page - RF Micro Devices RF2314_1 Datasheet HTML 2Page - RF Micro Devices RF2314_1 Datasheet HTML 3Page - RF Micro Devices RF2314_1 Datasheet HTML 4Page - RF Micro Devices RF2314_1 Datasheet HTML 5Page - RF Micro Devices RF2314_1 Datasheet HTML 6Page - RF Micro Devices RF2314_1 Datasheet HTML 7Page - RF Micro Devices RF2314_1 Datasheet HTML 8Page - RF Micro Devices RF2314_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5 of 12
RF2314
Rev A7 DS070730
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
1
2
3
5
4
50
Ω μstrip
50
Ω μstrip
RF OUT
J2
RF IN
J1
P1-1
NC
P1
VCC
GND
1
2
3
P1-1
C2
560 pF
C1
6.8
μF
+
2314400-


Similar Part No. - RF2314_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
More results

Similar Description - RF2314_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2304 RFMD-RF2304_1 Datasheet
327Kb / 8P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
RF2314 RFMD-RF2314_06 Datasheet
246Kb / 10P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2314 RFMD-RF2314 Datasheet
114Kb / 4P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
logo
Infineon Technologies A...
BFR340F INFINEON-BFR340F_13 Datasheet
661Kb / 11P
   General purpose Low Noise Amplifier
2013-11-06
logo
RF Micro Devices
RF2314 RFMD-RF2314_15 Datasheet
1Mb / 12P
   GENERAL PURPOSE LOW NOISE AMPLIFIER
RF2304 RFMD-RF2304_06 Datasheet
241Kb / 10P
   GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
Linear Integrated Syste...
J210 LINEAR-J210_14 Datasheet
182Kb / 1P
   LOW NOISE N-CHANNEL JFET GENERAL PURPOSE AMPLIFIER
logo
NXP Semiconductors
MBC13917 NXP-MBC13917 Datasheet
1Mb / 40P
   General Purpose SiGe:C RF Cascode Low Noise Amplifier
Rev. 1.0, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com