Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF2317 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2317
Description  LINEAR CATV AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2317 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2317_1 Datasheet HTML 3Page - RF Micro Devices RF2317_1 Datasheet HTML 4Page - RF Micro Devices RF2317_1 Datasheet HTML 5Page - RF Micro Devices RF2317_1 Datasheet HTML 6Page - RF Micro Devices RF2317_1 Datasheet HTML 7Page - RF Micro Devices RF2317_1 Datasheet HTML 8Page - RF Micro Devices RF2317_1 Datasheet HTML 9Page - RF Micro Devices RF2317_1 Datasheet HTML 10Page - RF Micro Devices RF2317_1 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7 of 12
RF2317
Rev A19 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic - 75
Ω
C1
1 nF
J1
RF IN
C2
1 nF
J2
RF OUT
L1
1000 nH
R4
56
Ω
C3
0.1 uF
R1
56
Ω
R2
56
Ω
R3
56
Ω
2317401 Rev -
75
Ω μstrip
75
Ω μstrip
GND
NC
P1-1
VCC
P1
1
2
3
VCC
1
3
2
4
6
5
8
7
16
14
15
13
11
12
9
10
RC = 14.3 Ω


Similar Part No. - RF2317_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
   LINEAR CATV AMPLIFIER
More results

Similar Description - RF2317_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2317 RFMD-RF2317 Datasheet
232Kb / 12P
   LINEAR CATV AMPLIFIER
logo
TriQuint Semiconductor
TGA2806-SM TRIQUINT-TGA2806-SM Datasheet
371Kb / 11P
   CATV Linear Amplifier
TGA2807-SM TRIQUINT-TGA2807-SM Datasheet
461Kb / 18P
   CATV Linear Amplifier
logo
RF Micro Devices
RF2317 RFMD-RF2317_12 Datasheet
715Kb / 11P
   LINEAR CATV AMPLIFIER
RF2317 RFMD-RF2317 Datasheet
151Kb / 8P
   LINEAR CATV AMPLIFIER
logo
Tyco Electronics
PAW-1024 MACOM-PAW-1024 Datasheet
37Kb / 1P
   CATV ULTRA-LINEAR AMPLIFIER
logo
TriQuint Semiconductor
TGA2807-SM TRIQUINT-TGA2807-SM_15 Datasheet
620Kb / 10P
   CATV Ultra Linear Gain Amplifier
logo
Tyco Electronics
PAW1027 MACOM-PAW1027 Datasheet
36Kb / 1P
    35 - 550 MHz CATV ULTRA - LINEAR AMPLIFIER
logo
American Microsemicondu...
AMS2818C AMMSEMI-AMS2818C Datasheet
563Kb / 1P
   1-200MHz 19.0 dB CATV Wideband Linear Amplifier
logo
Advanced Semiconductor ...
AWB317 ASB-AWB317 Datasheet
1Mb / 19P
   5 ~ 1200MHz Wide-band CATV Linear Amplifier MMIC
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com