Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2596-12 Datasheet(PDF) 2 Page - Orister Corporation

Part # RS2596-12
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2596-12 Datasheet(HTML) 2 Page - Orister Corporation

  RS2596-12 Datasheet HTML 1Page - Orister Corporation RS2596-12 Datasheet HTML 2Page - Orister Corporation RS2596-12 Datasheet HTML 3Page - Orister Corporation RS2596-12 Datasheet HTML 4Page - Orister Corporation RS2596-12 Datasheet HTML 5Page - Orister Corporation RS2596-12 Datasheet HTML 6Page - Orister Corporation RS2596-12 Datasheet HTML 7Page - Orister Corporation RS2596-12 Datasheet HTML 8Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page No. : 2/2
DS-RS2596-04 Oct, 2007
www.Orister.com
Pin Connections
Absolute Maxium Rating (Note1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
On/Off Pin Input Voltage
VSD
-0.3~+25
V
Feedback Pin Voltage
VFB
-0.3~+25
V
Output Voltage to Ground
VOUT
-1
V
Power Dissipation
PD
Internally Limited
W
Operating Temperature
Topr
0~+70
oC
Storage Temperature
Tstg
-65~+150
oC
Operating Junction Temperature Range
TJ
-40~+125
oC
Operating Voltage
VOP
+4.5~+40
V
Electrical Characteristics (Continued)
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25
oC(Note 2)
Part No.
Parameter
Symbol
Conditions
Min.
Typ.
(Note3)
Max.
(Note4)
Unit
Output Voltage
VOUT
4.75V
≤VIN≤40V, 0.2A≤ILOAD≤3A
3.168
3.135
3.3
3.342
3.465
V
RS2596-3.3
Efficiency
η
VIN=12V, ILOAD=3A
-
73
-
%
Output Voltage
VOUT
7V
≤VIN≤40V, 0.2A≤ILOAD≤3A
4.800
4.750
5.0
5.200
5.250
V
RS2596-5.0
Efficiency
η
VIN=12V, ILOAD=3A
-
80
-
%
Output Voltage
VOUT
15V
≤VIN≤40V, 0.2A≤ILOAD≤3A
11.52
11.40
12.0
12.48
12.60
V
RS2596-12
Efficiency
η
VIN=25V, ILOAD=3A
-
90
-
%
Reference Voltage
VFB
8V
≤VIN≤40V, 0.2A≤ILOAD≤3A
VOUT programmed for 5V
1.193
1.230
1.267
1.280
V
RS2596-ADJ
Efficiency
η
VIN=12V, VOUT=5V, ILOAD=3A
-
77
-
%
Current
Source
Bias
1.235V
Reference
2.5V
Regulator
Start
Up
COMP
+
-
COMP
+
-
200mV
220mV
Driver
Thermal
Limit
150KHz
OSC.
COMP
+
-
AMP
+
-
Output
GND
VIN
SD
FB
R1=2.5K
R2
COMP
+
-
Current
Limit
++
R
3A
Switch


Similar Part No. - RS2596-12

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2596-12EG ORISTER-RS2596-12EG Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
RS2596-12EP ORISTER-RS2596-12EP Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
RS2596-12UG ORISTER-RS2596-12UG Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
RS2596-12UP ORISTER-RS2596-12UP Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - RS2596-12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com