Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS2030X Datasheet(PDF) 4 Page - Orister Corporation

Part # RS2030X
Description  Lowest Cost Green-Power Off-Line PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS2030X Datasheet(HTML) 4 Page - Orister Corporation

  RS2030X Datasheet HTML 1Page - Orister Corporation RS2030X Datasheet HTML 2Page - Orister Corporation RS2030X Datasheet HTML 3Page - Orister Corporation RS2030X Datasheet HTML 4Page - Orister Corporation RS2030X Datasheet HTML 5Page - Orister Corporation RS2030X Datasheet HTML 6Page - Orister Corporation RS2030X Datasheet HTML 7Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page No. : 4/7
DS-RS2030X-EN-V1 Dec, 2007
www.Orister.com
OPERATION DESCRIPTION
Current Model
Compared to voltage model control, current model control has a current feedback loop. When the voltage of the
sample resistor peak current of the primary winding reaches the internal setting value VTH, comparator reverse,
register reset and power BJT or MOSFET cut-off. So that to detect and modulate the peak current cycle by cycle
could control the output of the power supply. The current feedback has a good linear modulation rate and a fast input
and output dynamic impact avoid the pole that the output filter inductance brings and the second class system
descends to first class and so it widens the frequency range and optimizes overload protection and short circuit
protection.
Startup Current and Under Voltage Lockout
The startup current of RS2030 is set to be very low (3uA) so that a large value startup resistor can therefore be used
to minimize the power loss. For AC to DC adaptor with universal input range design, a 1.5 MΩ, 1/8 W startup resistor
and a 10uF/25V VDD hold capacitor could be used.
The turn-on and turn-off threshold of the RS2030 is designed to 5.4V/3.6V. During startup, the hold-up capacitor must
be charge to 5.4V through the startup resistor. The hysteresis is implemented to prevent the shutdown from the
voltage dip during startup.
Green Power Operation
The power dissipation of switching mode power supply is very important in zero load or light load condition. The major
dissipation result from conduction loss、switching loss and consume of the control circuit. However, all of them related
to the switching frequency. There are many difference topologies has been implemented in different chip. The basic
operation theory of all these approaches intended to reduce the switching frequency under light-load or no-load
condition.
RS2030’s green power function adapts PWM、PFM and CRM combining modulation. The PWM frequency is
65kHz/100kHz in medium or heavy load operation. Through modifying the pulse width, RS2030 could control output
voltage. To decrease the standby consumption of the power supply , Chip-Rail introduces the Cycle Reset Mode
technology;If the feedback current were over 1.5mA, mode controller of RS2030 would reset internal register all the
time and cut off the power BJT, while the output voltage is lower than the set value, it would set register, SW pin
operating again. Although the frequency of the internal OSC is invariable, the register would reset some pulses so
that the practical frequency is decreased at the SW pin.
RS2030 Green-Power Function
Internal Synchronized Slop Compensation
Although there are more advantages of the current mode control than conventional voltage mode control, there are
still several drawbacks of peak-sensing current-mode converter. Especially the open loop instability when it operates
in higher than 50% of the duty-cycle. RS2030 is introduced an internal slope compensation adding voltage ramp to
the current sense input voltage for PWM generation to solve this problem. It improves the close loop stability greatly
at CCM, prevents the sub-harmonic oscillation and thus reduces the output ripple voltage.


Similar Part No. - RS2030X

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030A ORISTER-RS2030A Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
RS2030B ORISTER-RS2030B Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
RS2030C ORISTER-RS2030C Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
RS2030D ORISTER-RS2030D Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
More results

Similar Description - RS2030X

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2030A ORISTER-RS2030A_08 Datasheet
152Kb / 7P
   Lowest Cost Green-Power Off-Line PWM Controller
logo
Dialog Semiconductor
IW1707 DIALOG-IW1707 Datasheet
1Mb / 13P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1676 RENESAS-IW1676 Datasheet
991Kb / 16P
   Low Power Off-Line Digital Green-Mode PWM Controller
18-Jan-2022
logo
Dialog Semiconductor
IW1815 DIALOG-IW1815 Datasheet
355Kb / 6P
   Off-Line Digital Green-Mode PWM Controller
IW1706 DIALOG-IW1706 Datasheet
1Mb / 11P
   Low-Power Off-Line Digital Green-Mode PWM Controller
IW1696 DIALOG-IW1696 Datasheet
979Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1697 RENESAS-IW1697 Datasheet
958Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
January 18, 2022
IW1706 RENESAS-IW1706 Datasheet
972Kb / 15P
   Low-Power Off-Line Digital Green-Mode PWM Controller
22-Jan-2022
logo
Dialog Semiconductor
IW1697 DIALOG-IW1697 Datasheet
979Kb / 12P
   Low-Power Off-Line Digital Green-Mode PWM Controller
logo
Renesas Technology Corp
IW1678 RENESAS-IW1678 Datasheet
908Kb / 11P
   Low-Power Off-line Digital Green-Mode PWM Controller
January 22, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com