Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER106 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # ER106
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

ER106 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  ER106 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited ER106 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012 ounces,0.34 grams
Mounting position: Any
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by20%.
ER102
ER103
ER104
ER106
UNITS
Maximumrecurrent peak reverse voltage
VRRM
200
300
400
600
V
MaximumRMS voltage
VRMS
140
210
280
420
V
MaximumDCblocking voltage
VDC
200
300
400
600
V
Maximumaverage forward rectified current
9.5mmlead length,
@T
A=75
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@T
J=125
Maximuminstantaneous forward voltage
@ 1.0A
VF
1.7
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=100
Maximumreverse recovery time (Note 1)
trr
ns
Typical junction capacitance
(Note 2)
CJ
pF
Typical thermal resistance
(Note 3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
GALAXY ELECTRICAL
3.Thermal resistance junction to ambient.
A
30.0
IR
IFSM
NOTE: 1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
A
- 55 ----- + 150
ER101 --- ER106
A
5.0
Easilycleaned with alcohol,Isopropanol
and similar solvents
IF(AV)
1.0
SUPER FAST RECTIFIER
ER101
100
70
- 55 ----- + 150
50
35
22
0.95
1.25
150.0
100
The plastic material carries U/L recognition 94V-0
VOLTAGE RANGE: 100 --- 600 V
CURRENT: 1.0 A
DO - 41
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 0264008
1
.


Similar Part No. - ER106

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER106 PANJIT-ER106 Datasheet
64Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
ER106 TRSYS-ER106 Datasheet
198Kb / 3P
   SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ER106 PANJIT-ER106 Datasheet
43Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
ER106 PANJIT-ER106 Datasheet
47Kb / 2P
   SUPERFAST RECOVERY RECTIFIERS
logo
Rugao Dachang Electroni...
ER106 DACHANG-ER106 Datasheet
121Kb / 2P
   Plastic Ultra-Fast Recover Rectifier Reverse Voltage 50 to 600V Forward Current 1.0A
More results

Similar Description - ER106

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com