Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3166PCBA-410 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3166PCBA-410
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3166PCBA-410 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3166PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 9Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 10Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 11Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 12Page - RF Micro Devices RF3166PCBA-410 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9 of 16
RF3166
Rev A3 DS061031
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Application Schematic
Evaluation Board Schematic
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
DCS/PCS IN
BAND SELECT
TX ENABLE
VBATT
VRAMP
GSM IN
DCS/PCS OUT
GSM OUT
9
1
3
2
6
5
4
8
7
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
50
Ω μstrip
BAND SELECT
TX ENABLE
VBATT
VRAMP
22
μF*
Notes:
* The value of the VBATT decoupling capacitor depends on the noise level of the phone board.
Capacitor type may be either tantalum or ceramic. Some applications may not require this capacitor.
1. All the PA output measurements are referenced to the PA output pad (pins 8 and 9).
2. The 50
Ω μstrip between the PA output pad and the SMA connector has an approximate insertion loss
of 0.1 dB for GSM850/EGSM900 and 0.2 dB for DCS1800/PCS1900 bands.
GND
P1
1
CON1
DCS/PCS IN
GSM IN
DCS/PCS OUT
GSM OUT
VCC
P2
1
CON1
P2-1
9
1
3
2
6
5
4
8
7


Similar Part No. - RF3166PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3166PCBA-410 RFMD-RF3166PCBA-410 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3166PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com