Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3198SB Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3198SB
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3198SB Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3198SB Datasheet HTML 6Page - RF Micro Devices RF3198SB Datasheet HTML 7Page - RF Micro Devices RF3198SB Datasheet HTML 8Page - RF Micro Devices RF3198SB Datasheet HTML 9Page - RF Micro Devices RF3198SB Datasheet HTML 10Page - RF Micro Devices RF3198SB Datasheet HTML 11Page - RF Micro Devices RF3198SB Datasheet HTML 12Page - RF Micro Devices RF3198SB Datasheet HTML 13Page - RF Micro Devices RF3198SB Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RF3198
Rev A0 DS070801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Evaluation Board Schematic
C2
4.7
μF
VBATT
C6
1 nF
VCC1
50
Ω μstrip
DCS IN
50
Ω μstrip
DCS OUT
50
Ω μstrip
GSM900 OUT
C9
10 nF
R3
100 k
Ω
R1
15 k
Ω
R4
100 k
Ω
50
Ω μstrip
GSM900 IN
VRAMP
TX EN
R2
100 k
Ω
BAND SEL
C8
1 nF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
From
VCC1
VCC
C13
47 pF
C10
10 nF
27
Ω


Similar Part No. - RF3198SB

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3191 REYCONNS-RF3191 Datasheet
246Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196PCBA-41X RFMD-RF3196PCBA-41X Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196SB RFMD-RF3196SB Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3198SB

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com