Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3196PCBA-41X Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF3196PCBA-41X
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3196PCBA-41X Datasheet(HTML) 5 Page - RF Micro Devices

  RF3196PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3196PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5 of 16
RF3196
Rev A2 DS071207
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall (DCS Mode)
Nominal conditions: Temp=25°C, VBATT=3.5V,
V
RAMP =V
RAMP_RP, PIN=3dBm,
Freq=1710MHz to 1785MHz,
12.5% Duty Cycle, pulse width=1154
μs
Operating Frequency Range
1710 to 1785
MHz
Maximum Output Power 1
32.0
dBm
Temp=+25°C, VBATT=3.5V, VRAMP=VRAMP_RP
Maximum Output Power 2
30.0
dBm
Temp=+85°C, VBATT=3.0V, VRAMP< 2.1V
Total Efficiency
45
51
%
At P
OUT MAX, V
BATT=3.5V, VRAMP=2.1V
Input Power Range
0
+3
+5
dBm
Maximum output power guaranteed at mini-
mum drive level
Output Noise Power
-85
dBm
RBW=100kHz, 1805MHz to 1880MHz, P
OUT
< 32dBm
Forward Isolation 1
-40
-30
dBm
TXEnable=Low, P
IN =+5dBm
Forward Isolation 2
-25
-10
dBm
TXEnable=High, V
RAMP =0.26V,
P
IN =+5dBm
Second Harmonic
-15
-10
dBm
VRAMP=0.26V to VRAMP_RP
Third Harmonic
-30
-15
dBm
VRAMP=0.26V to VRAMP_RP
All Other
Non-Harmonic Spurious
-36
dBm
VRAMP=0.26V to VRAMP_RP
Input Impedance
50
Ω
Input VSWR
2.5:1
Output Load VSWR Stability (Spuri-
ous Emissions)
-36
dBm
VSWR=8:1; all phase angles
(VRAMP set for POUT<32dBm into 50Ω load;
load switched to VSWR=8:1; RBW=3MHz)
Output Load VSWR Ruggedness
No damage or permanent
degradation to device
VSWR=10:1; all phase angles
(VRAMP set for POUT<32dBm into 50Ω load;
load switched to VSWR=10:1)
Output Load Impedance
50
Ω
Load impedance presented at RF OUT pad
Power Control V
RAMP
Power Control Range
45
50
dB
V
RAMP =0.26V to V
RAMP_RP
Transient Spectrum
-35
-23
dBm
VRAMP=VRAMP_RP
Notes:
VRAMP_RP=VRAMP set for 32dBm at nominal conditions.


Similar Part No. - RF3196PCBA-41X

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3191 REYCONNS-RF3191 Datasheet
246Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF3198 RFMD-RF3198 Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198PCBA-41X RFMD-RF3198PCBA-41X Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3198SB RFMD-RF3198SB Datasheet
333Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results

Similar Description - RF3196PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_06 Datasheet
268Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3161 RFMD-RF3161 Datasheet
101Kb / 2P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166_1 Datasheet
390Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146_1 Datasheet
625Kb / 13P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com