Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3198PCBA-41X Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3198PCBA-41X
Description  DUAL-BAND GSM900/DCS POWER AMP MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3198PCBA-41X Datasheet(HTML) 2 Page - RF Micro Devices

  RF3198PCBA-41X Datasheet HTML 1Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 2Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 3Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF3198PCBA-41X Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2 of 16
RF3198
Rev A0 DS070801
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.3 to +6.0
V
DC
Power Control Voltage (V
RAMP)
-0.3 to +1.8
V
Input RF Power
+10
dBm
Max Duty Cycle
25
%
Output Load VSWR
10:1
Operating Case Temperature
-20 to +85
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall Power Control
VRAMP
Power Control “ON”
1.5
V
Max. P
OUT, Voltage supplied to the input
Power Control “OFF”
0.2
0.25
V
Min. P
OUT, Voltage supplied to the input
V
RAMP Input Capacitance
15
20
pF
DC to 2MHz
V
RAMP Input Current
10
μAV
RAMP =V
RAMP MAX
Turn On/Off Time
2
μsV
RAMP =0.2 V to V
RAMP MAX
TX Enable “ON”
1.4
V
TX Enable “OFF”
0.5
V
GSM Band Enable
0.5
V
DCS/PCS Band Enable
1.4
V
Overall Power Supply
Power Supply Voltage
3.0
3.5
5.5
V
Specifications
V
Nominal operating limits
Power Supply Current
1
μAP
IN < -30 dBm, TX Enable = Low,
Temp=-20°C to +85°C
mA
VRAMP=0.2V, TX Enable=High
Overall Control Signals
Band Select “Low”
0
0
0.5
V
Band Select “High”
1.4
2.0
3.0
V
Band Select “High” Current
20
50
μA
TX Enable “Low”
0
0
0.5
V
TX Enable “High”
1.4
2.0
3.0
V
TX Enable “High” Current
1
2
μA
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - RF3198PCBA-41X

ManufacturerPart #DatasheetDescription
logo
REYCONNS CHINA LIMITED
RF3191 REYCONNS-RF3191 Datasheet
246Kb / 5P
   SAW Filter
logo
RF Micro Devices
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196PCBA-41X RFMD-RF3196PCBA-41X Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196SB RFMD-RF3196SB Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results

Similar Description - RF3198PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D_1 Datasheet
365Kb / 14P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3166D RFMD-RF3166D Datasheet
230Kb / 12P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
RF3146 RFMD-RF3146 Datasheet
317Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3196 RFMD-RF3196 Datasheet
285Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF5146 RFMD-RF5146 Datasheet
1,012Kb / 18P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140 Datasheet
206Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3166 RFMD-RF3166 Datasheet
239Kb / 14P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3146 RFMD-RF3146_1 Datasheet
155Kb / 6P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
RF3140 RFMD-RF3140_1 Datasheet
354Kb / 16P
   QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com