Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM90DZ-M Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # TM90DZ-M
Description  HIGH POWER GENERAL USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

TM90DZ-M Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  TM90DZ-M Datasheet HTML 1Page - Mitsubishi Electric Semiconductor TM90DZ-M Datasheet HTML 2Page - Mitsubishi Electric Semiconductor TM90DZ-M Datasheet HTML 3Page - Mitsubishi Electric Semiconductor TM90DZ-M Datasheet HTML 4Page - Mitsubishi Electric Semiconductor TM90DZ-M Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb.1999
0
0
320
160
80
200
240
20
40
280
120
200
40
60
80
100
120
140
160
180
θ=30°
60°
120°
90°
θ
360°
50
0
320
160
80
130
240
60
40
280
120
200
70
80
90
100
110
120
90°
θ=30° 60°
θ
360°
120°
RESISTIVE,
INDUCTIVE
LOAD
RESISTIVE,
INDUCTIVE
LOAD
MAXIMUM ON-STATE POWER DISSIPATION
(THREE PHASE FULLWAVE RECTIFIED)
LIMITING VALUE OF THE DC
OUTPUT CURRENT
(THREE PHASE FULLWAVE RECTIFIED)
DC OUTPUT CURRENT (A)
(PER THREE MODULES)
DC OUTPUT CURRENT (A)
(PER THREE MODULES)
MITSUBISHI THYRISTOR MODULES
TM90DZ/CZ-M,-H
HIGH POWER GENERAL USE
INSULATED TYPE


Similar Part No. - TM90DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM90DZ-24 MITSUBISHI-TM90DZ-24 Datasheet
63Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
TM90DZ-2H MITSUBISHI-TM90DZ-2H Datasheet
63Kb / 5P
   HIGH VOLTAGE HIGH POWER GENERAL USE INSULATED TYPE
More results

Similar Description - TM90DZ-M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM400DZ-M MITSUBISHI-TM400DZ-M Datasheet
61Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ MITSUBISHI-RM150DZ Datasheet
55Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM100DZ-M MITSUBISHI-RM100DZ-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ-M MITSUBISHI-RM500DZ-M Datasheet
51Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500DZ MITSUBISHI-RM500DZ Datasheet
49Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
RM150DZ-H MITSUBISHI-RM150DZ-H Datasheet
48Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM90RZ-M MITSUBISHI-TM90RZ-M Datasheet
67Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
TM130DZ-M MITSUBISHI-TM130DZ-M Datasheet
66Kb / 5P
   HIGH POWER GENERAL USE INSULATED TYPE
RM500HA-M MITSUBISHI-RM500HA-M Datasheet
44Kb / 3P
   HIGH POWER GENERAL USE INSULATED TYPE
TM200RZ-M MITSUBISHI-TM200RZ-M Datasheet
62Kb / 4P
   HIGH POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com