Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HWL36YRA Datasheet(PDF) 4 Page - Hexawave, Inc

Part # HWL36YRA
Description  L-Band GaAs Power FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc

HWL36YRA Datasheet(HTML) 4 Page - Hexawave, Inc

  HWL36YRA Datasheet HTML 1Page - Hexawave, Inc HWL36YRA Datasheet HTML 2Page - Hexawave, Inc HWL36YRA Datasheet HTML 3Page - Hexawave, Inc HWL36YRA Datasheet HTML 4Page - Hexawave, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HWL36YRA
L-Band GaAs Power FET
Autumn 2002 V1
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan, R.O.C..
TEL 886-3-578-5100 FAX 886-3-577-0512
http://www.hw.com.tw
Email: sales@hw.com.tw All specifications are subject to change without notice.
Small Signal Common Source Scattering Parameters
S-MAGN AND ANGLES
VDS=10V, IDS=0.5IDSS
(GHz)
lS11l
ANG
lS21l
ANG
lS12l
ANG
lS22l
ANG
0.5
0.973
-143.146
9.497
95.707
0.014
17.597
0.512
-174.520
0.6
0.969
-153.426
7.992
88.677
0.014
9.117
0.524
-176.193
0.7
0.962
-161.504
6.887
83.152
0.014
6.912
0.526
-178.989
0.8
0.958
-168.227
5.964
77.929
0.014
1.489
0.533
179.097
0.9
0.956
-173.554
5.301
73.270
0.015
3.030
0.530
178.612
1.0
0.959
-178.592
4.769
68.292
0.014
0.832
0.534
176.192
1.1
0.956
176.875
4.322
64.671
0.014
-3.459
0.538
174.649
1.2
0.954
172.884
3.901
60.520
0.013
-7.050
0.541
173.694
1.3
0.953
169.241
3.568
56.704
0.013
-7.716
0.545
172.614
1.4
0.954
165.452
3.298
52.680
0.014
-10.230
0.546
171.105
1.5
0.949
162.381
3.030
49.241
0.013
-9.909
0.550
170.714
1.6
0.951
159.244
2.810
45.995
0.014
-11.405
0.559
169.706
1.7
0.952
156.395
2.620
42.812
0.013
-13.388
0.565
168.753
1.8
0.951
153.692
2.453
39.857
0.014
-12.553
0.578
167.846
1.9
0.949
151.022
2.298
36.568
0.013
-14.102
0.582
166.919
2.0
0.951
148.408
2.166
33.358
0.012
-18.172
0.593
165.732
2.1
0.947
146.219
2.032
30.228
0.012
-19.352
0.595
164.690
2.2
0.946
144.021
1.923
27.476
0.012
-19.314
0.606
163.840
2.3
0.947
141.988
1.818
24.535
0.012
-17.675
0.608
162.762
2.4
0.947
139.849
1.723
21.789
0.012
-20.781
0.617
162.294
2.5
0.946
137.624
1.632
18.738
0.012
-22.772
0.624
160.420
2.6
0.950
136.194
1.558
16.360
0.012
-19.020
0.633
159.952
2.7
0.952
134.364
1.486
13.796
0.012
-24.484
0.638
159.485
2.8
0.953
132.441
1.416
11.277
0.013
-23.643
0.641
159.083
2.9
0.953
130.400
1.359
8.642
0.012
-24.168
0.646
158.175
3.0
0.947
128.579
1.295
6.031
0.012
-23.039
0.653
157.337
3.1
0.953
127.064
1.246
3.677
0.012
-24.243
0.660
157.066
3.2
0.951
125.351
1.202
1.286
0.012
-23.444
0.671
156.212
3.3
0.947
123.876
1.155
-0.969
0.012
-24.499
0.675
155.475
3.4
0.949
122.347
1.114
-3.604
0.012
-27.134
0.682
154.126
3.5
0.946
121.140
1.081
-5.711
0.011
-22.681
0.687
153.258
3.6
0.953
119.590
1.043
-8.334
0.011
-22.894
0.692
152.397
3.7
0.957
118.198
1.010
-10.611
0.011
-30.031
0.697
151.238
3.8
0.957
116.744
0.978
-12.836
0.011
-26.886
0.702
150.539
3.9
0.957
115.213
0.946
-14.884
0.012
-25.404
0.699
149.918
4.0
0.957
113.657
0.920
-17.216
0.012
-29.596
0.705
149.071


Similar Part No. - HWL36YRA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWL36YRA_V1 HW-HWL36YRA_V1_15 Datasheet
100Kb / 4P
   L-Band GaAs Power FET
More results

Similar Description - HWL36YRA

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWF1681RA HW-HWF1681RA Datasheet
145Kb / 3P
   L-Band GaAs Power FET
HWF1682RA HW-HWF1682RA Datasheet
103Kb / 3P
   L-Band GaAs Power FET
HWL23NPB HW-HWL23NPB Datasheet
109Kb / 7P
   L-Band GaAS Power FET
HWL26NPA HW-HWL26NPA Datasheet
72Kb / 2P
   L-Band GaAs POWER FET
HWL36YRF HW-HWL36YRF Datasheet
91Kb / 3P
   L-Band GaAs Power FET
HWL27NPB_V1 HW-HWL27NPB_V1_15 Datasheet
101Kb / 4P
   L-Band GaAs Power FET
HWF1686RA_V3 HW-HWF1686RA_V3_15 Datasheet
114Kb / 3P
   L-Band GaAs Power FET
HWL34YRA HW-HWL34YRA Datasheet
94Kb / 4P
   L-Band GaAs Power FET
HWF1686RA HW-HWF1686RA Datasheet
106Kb / 3P
   L-Band GaAs Power FET
HWF1681RA_V3 HW-HWF1681RA_V3_15 Datasheet
158Kb / 3P
   L-Band GaAs Power FET
HWL34YRF_V1 HW-HWL34YRF_V1_15 Datasheet
100Kb / 3P
   L-Band GaAs Power FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com