Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3220 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF3220
Description  HIGH LINEARITY/DRIVER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3220 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF3220_1 Datasheet HTML 2Page - RF Micro Devices RF3220_1 Datasheet HTML 3Page - RF Micro Devices RF3220_1 Datasheet HTML 4Page - RF Micro Devices RF3220_1 Datasheet HTML 5Page - RF Micro Devices RF3220_1 Datasheet HTML 6Page - RF Micro Devices RF3220_1 Datasheet HTML 7Page - RF Micro Devices RF3220_1 Datasheet HTML 8Page - RF Micro Devices RF3220_1 Datasheet HTML 9Page - RF Micro Devices RF3220_1 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9 of 10
RF3220
Rev A1 DS050822
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the PCB
metal land pattern with a 3mil expansion to accommodate solder mask registration clearance around all pads. The center-
grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance can be pro-
vided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB metal land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bottom of
the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating routing
strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size on a
0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested that the
quantity of vias be increased by a 4:1 ratio to achieve similar results.
A = 0.90 x 0.28 (mm) Typ.
B = 0.28 x 0.90 (mm) Typ.
C = 1.10 (mm) Sq.
Pin 1
B
B
B
B
B
B
A
A
A
A
A
A
C
Dimensions in mm.
1.00 Typ.
0.50 Typ.
0.50 Typ.
0.77 Typ.
0.50 (mm)
0.77 Typ.
0.50
1.00 Typ.
Figure 1. PCB Metal Land Pattern (Top View)


Similar Part No. - RF3220_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3220 RFMD-RF3220_10 Datasheet
622Kb / 10P
   LOW NOISE, LINEAR AMPLIFIER
More results

Similar Description - RF3220_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3223 RFMD-RF3223_1 Datasheet
284Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
RF3220 RFMD-RF3220 Datasheet
162Kb / 10P
   HIGH LINEARITY/DRIVER AMPLIFIER
RF3223 RFMD-RF3223 Datasheet
155Kb / 8P
   HIGH LINEARITY/DRIVER AMPLIFIER
logo
Qorvo, Inc
QPA9120 QORVO-QPA9120 Datasheet
1Mb / 12P
   High Gain High Linearity Driver Amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U Datasheet
841Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 10 ??19 October 2021
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31716 AVAGO-MGA-31716_15 Datasheet
625Kb / 19P
   0.1 W High Linearity Driver Amplifier
MGA-31816 AVAGO-MGA-31816_16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
NXP Semiconductors
BTS6302U NXP-BTS6302U_V01 Datasheet
849Kb / 19P
   Wideband high linearity pre-driver amplifier
Rev. 11 - 5 September 2022
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31816 AVAGO-MGA-31816_15 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
logo
NXP Semiconductors
BTS6201U NXP-BTS6201U Datasheet
846Kb / 15P
   Wideband high linearity pre-driver amplifier
Rev. 4-3 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com