Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3283 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF3283
Description  DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3283 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF3283 Datasheet HTML 3Page - RF Micro Devices RF3283 Datasheet HTML 4Page - RF Micro Devices RF3283 Datasheet HTML 5Page - RF Micro Devices RF3283 Datasheet HTML 6Page - RF Micro Devices RF3283 Datasheet HTML 7Page - RF Micro Devices RF3283 Datasheet HTML 8Page - RF Micro Devices RF3283 Datasheet HTML 9Page - RF Micro Devices RF3283 Datasheet HTML 10Page - RF Micro Devices RF3283 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7 of 16
RF3283
Rev A1 DS071010
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
8.00 ± 0.10
10.00
± 0.10
1.40
1.25
0.450
± 0.075
3.700 TYP
1.950 TYP
1.400 TYP
1.065 TYP
0.000
0.750 TYP
0.200 TYP
0.815 TYP
1.065 TYP
1.135 TYP
1.200 TYP
2.350 TYP
3.300 TYP
4.865 TYP
5.135
5.815
7.100 TYP
7.650 TYP
8.800
9.250 TYP
5.200
5.750
6.085 TYP
6.700 TYP
8.050 TYP
8.600 TYP
8.865
9.000 TYP
9.800 TYP
R0.200 TYP
Shaded areas represent pin 1.
Dimensions in mm.
Package Style: Module (8mmx10mm)


Similar Part No. - RF3283

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
RF320-12 TELEDYNE-RF320-12 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
RF320-5 TELEDYNE-RF320-5 Datasheet
123Kb / 5P
   HIGH REPEATABILITY ULTRAMINIATURE T0-5, RF BYPASS RELAY DC TO 3 GHz
logo
RF Monolithics, Inc
RF3210 RFM-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3210 MURATA-RF3210 Datasheet
220Kb / 2P
   303.825 MHz SAW Filter
logo
RF Monolithics, Inc
RF3210D RFM-RF3210D Datasheet
574Kb / 2P
   303.825 MHz SAW Filter
More results

Similar Description - RF3283

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF4180 RFMD-RF4180 Datasheet
124Kb / 2P
   DUAL-BAND GSM900/DCS1800 TRANSMIT MODULE
logo
Skyworks Solutions Inc.
RM009 SKYWORKS-RM009 Datasheet
296Kb / 17P
   Power Amplifier Module for Dual-band GSM900 DCS1800
logo
TriQuint Semiconductor
TQM6M4028E TRIQUINT-TQM6M4028E Datasheet
208Kb / 1P
   3V Dual-Band GSM900/DCS Transmit Module
logo
Skyworks Solutions Inc.
RM008 SKYWORKS-RM008 Datasheet
507Kb / 12P
   PA Module for Dual-band GSM900 and DCS1800 Applications
logo
TriQuint Semiconductor
TQM6M4022E TRIQUINT-TQM6M4022E Datasheet
286Kb / 1P
   3V Quad-Band GSM900 DCS Transmit Module
logo
Sony Corporation
CXG1047FN SONY-CXG1047FN Datasheet
104Kb / 9P
   Dual-Band 3V Power Amplifier for GSM900/DCS1800 Applications
logo
RF Micro Devices
RF7115 RFMD-RF7115_1 Datasheet
754Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
logo
National Semiconductor ...
LMX2604 NSC-LMX2604 Datasheet
268Kb / 14P
   Triple-band VCO for GSM900/DCS1800/PCS1900
logo
Maxim Integrated Produc...
MAX2651 MAXIM-MAX2651 Datasheet
466Kb / 16P
   GSM900 and DCS1800/PCS1900 Dual-Band, Low-Noise Amplifiers
19-1506; Rev 1; 10/99
logo
RF Micro Devices
RF7115 RFMD-RF7115 Datasheet
572Kb / 22P
   QUAD-BAND GSM850/GSM900/DCS/PCS TRANSMIT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com