Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM2201BRWZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADUM2201BRWZ
Description  Dual-Channel Digital Isolators, 5 kV
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2201BRWZ Datasheet(HTML) 3 Page - Analog Devices

  ADUM2201BRWZ Datasheet HTML 1Page - Analog Devices ADUM2201BRWZ Datasheet HTML 2Page - Analog Devices ADUM2201BRWZ Datasheet HTML 3Page - Analog Devices ADUM2201BRWZ Datasheet HTML 4Page - Analog Devices ADUM2201BRWZ Datasheet HTML 5Page - Analog Devices ADUM2201BRWZ Datasheet HTML 6Page - Analog Devices ADUM2201BRWZ Datasheet HTML 7Page - Analog Devices ADUM2201BRWZ Datasheet HTML 8Page - Analog Devices ADUM2201BRWZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADuM2200/ADuM2201
Rev. 0 | Page 3 of 20
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—5 V OPERATION1
4.5 V ≤ VDD1 ≤ 5.5 V, 4.5 V ≤ VDD2 ≤ 5.5 V. All minimum/maximum specifications apply over the entire recommended operation range,
unless otherwise noted. All typical specifications are at TA = 25°C, VDD1 = VDD2 = 5 V.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Input Supply Current, per Channel, Quiescent
IDDI (Q)
0.4
0.8
mA
Output Supply Current, per Channel, Quiescent
IDDO (Q)
0.5
0.6
mA
ADuM2200, Total Supply Current, Two Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.3
1.7
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
1.0
1.6
mA
DC to 1 MHz logic signal frequency
10 Mbps (BR Grade Only)
VDD1 Supply Current
IDD1 (10)
3.5
4.6
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
1.7
2.8
mA
5 MHz logic signal frequency
ADuM2201, Total Supply Current, Two Channels2
DC to 2 Mbps
VDD1 Supply Current
IDD1 (Q)
1.1
1.5
mA
DC to 1 MHz logic signal frequency
VDD2 Supply Current
IDD2 (Q)
1.3
1.8
mA
DC to 1 MHz logic signal frequency
10 Mbps (BR Grade Only)
VDD1 Supply Current
IDD1 (10)
2.6
3.4
mA
5 MHz logic signal frequency
VDD2 Supply Current
IDD2 (10)
3.1
4.0
mA
5 MHz logic signal frequency
For All Models
Input Currents
IIA, IIB
−10
+0.01
+10
μA
0 V ≤ VIA, VIB ≤ VDD1 or VDD2
Logic High Input Threshold
VIH
0.7 (VDD1
or VDD2)
V
Logic Low Input Threshold
VIL
0.3
(VDD1 or
VDD2)
V
Logic High Output Voltages
VOAH
(VDD1 or
VDD2) − 0.1
5.0
V
IOx = −20 μA, VIx = VIxH
VOBH
(VDD1 or
VDD2) − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOAL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
VOBL
0.04
0.1
V
IOx = 400 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
SWITCHING SPECIFICATIONS
ADuM220xAR
Minimum Pulse Width3
PW
1000
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
1
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
150
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
40
ns
CL = 15 pF, CMOS signal levels
Propagation Delay Skew6
tPSK
100
ns
CL = 15 pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/OD
50
ns
CL = 15 pF, CMOS signal levels
Output Rise/Fall Time (10% to 90%)
tR/tF
10
ns
CL = 15 pF, CMOS signal levels
ADuM220xBR
Minimum Pulse Width3
PW
100
ns
CL = 15 pF, CMOS signal levels
Maximum Data Rate4
10
Mbps
CL = 15 pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
50
ns
CL = 15 pF, CMOS signal levels
Pulse Width Distortion, |tPLH − tPHL|5
PWD
3
ns
CL = 15 pF, CMOS signal levels
Change vs. Temperature
5
ps/°C
CL = 15 pF, CMOS signal levels


Similar Part No. - ADUM2201BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADuM220N0BRWZ AD-ADuM220N0BRWZ Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N0BRWZ AD-ADUM220N0BRWZ Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
ADuM220N0BRWZ-RL AD-ADuM220N0BRWZ-RL Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
More results

Similar Description - ADUM2201BRWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM2210 AD-ADUM2210_V01 Datasheet
465Kb / 17P
   Dual-Channel Digital Isolators, 5 kV
Rev. F
ADUM2210 AD-ADUM2210 Datasheet
339Kb / 20P
   Dual-Channel Digital Isolators, 5 kV
REV. A
ADUM2280 AD-ADUM2280 Datasheet
533Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
ADUM2280 AD-ADUM2280_V01 Datasheet
441Kb / 20P
   5 kV RMS Dual Channel Digital Isolators
Rev. A
ADUM7240 AD-ADUM7240 Datasheet
267Kb / 16P
   1 kV, Dual Channel Digital Isolators
REV. A
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
   5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
   3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM1280 AD-ADUM1280 Datasheet
343Kb / 16P
   3 kV RMS Dual Channel Digital Isolators
REV. 0
ADUM220N AD-ADUM220N Datasheet
481Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
ADUM220N AD-ADUM220N_V01 Datasheet
700Kb / 23P
   5.0 kV RMS Dual Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com