Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4667ARUZ-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADN4667ARUZ-REEL7
Description  3 V LVDS Quad CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4667ARUZ-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  ADN4667ARUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADN4667ARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADN4667
Rev. 0 | Page 5 of 12
TEST CIRCUITS
RL/2
RL/2
DIN
DOUT+
DOUT–
VCC
VOS
VOD
DRIVER IS ENABLED
V
V
Figure 2. Test Circuit for Driver VOD and VOS
CL
CL
DIN
DOUT+
DOUT–
DRIVER IS
ENABLED
NOTES
1. CL INCLUDES LOAD AND TEST JIG CAPACITANCE.
SIGNAL
GENERATOR
VCC
50Ω
Figure 3. Test Circuit for Driver Propagation Delay and Transition Time
DIN
VDIFF
tPLHD
tPHLD
VDIFF = DOUT+ –DOUT–
VOH
VOL
VOD
3V
1.5V
0V (DIFFERENTIAL)
0V
80%
20%
0V
DOUT+
DOUT–
tTLH
tTHL
Figure 4. Driver Propagation Delay and Transition Time Waveforms
CL
CL
DOUT+
DOUT–
DIN
SIGNAL
GENERATOR
50Ω
EN
50Ω
50Ω
1.2V
VCC
EN
Figure 5. Test Circuit for Driver Three-State Delay
DOUT+ WITH DIN = VCC
OR DOUT– WITH DIN = GND
DOUT+ WITH DIN = GND
OR DOUT– WITH DIN = VCC
3V
1.5V
50%
50%
0V
3V
1.5V
0V
VOH
VOL
1.2V
1.2V
EN WITH EN = GND
OR OPEN-CIRCUIT
EN WITH EN = VCC
tPZH
tPHZ
tPLZ
tPZL
Figure 6. Driver Three-State Delay Waveforms


Similar Part No. - ADN4667ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARUZ-REEL7 AD-ADN4667ARUZ-REEL7 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667ARUZ-REEL7 AD-ADN4667ARUZ-REEL7 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
More results

Similar Description - ADN4667ARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
   3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com