Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4667 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN4667
Description  3 V LVDS Quad CMOS Differential Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4667 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN4667 Datasheet HTML 4Page - Analog Devices ADN4667 Datasheet HTML 5Page - Analog Devices ADN4667 Datasheet HTML 6Page - Analog Devices ADN4667 Datasheet HTML 7Page - Analog Devices ADN4667 Datasheet HTML 8Page - Analog Devices ADN4667 Datasheet HTML 9Page - Analog Devices ADN4667 Datasheet HTML 10Page - Analog Devices ADN4667 Datasheet HTML 11Page - Analog Devices ADN4667 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADN4667
Rev. 0 | Page 11 of 12
THEORY OF OPERATION
The ADN4667 is a quad line driver for low voltage differential
signaling. It takes a single-ended 3 V logic signal and converts
it to a differential current output. The data can then be trans-
mitted for considerable distances, over media such as a twisted
pair cable or PCB backplane, to an LVDS receiver, where it devel-
ops a voltage across a terminating resistor, RT. This resistor is
chosen to match the characteristic impedance of the medium,
typically around 100 Ω. The differential voltage is detected by
the receiver and converted back into a single-ended logic signal.
When DIN is high (Logic 1), current flows out of the DOUT+
pin (current source) through RT and back into the DOUT− pin
(current sink). At the receiver, this current develops a positive
differential voltage across RT (with respect to the inverting
input) and gives a Logic 1 at the receiver output. When DIN is
low, DOUT+ sinks current and DOUT− sources current; a negative
differential voltage across RT gives a Logic 0 at the receiver
output.
The output drive current is between ±2.5 mA and ±4.5 mA
(typically ±3.1 mA), developing between ±250 mV and ±450 mV
across a 100 Ω termination resistor. The received voltage is
centered around the receiver offset of 1.2 V. In other words, the
noninverting receiver input is typically (1.2 V + [310 mV/2]) =
1.355 V, and the inverting receiver input is (1.2 V − [310 mV/2]) =
1.045 V for Logic 1. For Logic 0, the inverting and noninverting
output voltages are reversed. Note that because the differential
voltage reverses polarity, the peak-to-peak voltage swing across
RT is twice the differential voltage.
Current-mode drivers offer considerable advantages over
voltage-mode drivers such as RS-422 drivers. The operating
current remains fairly constant with increased switching
frequency, whereas that of voltage-mode drivers increases
exponentially in most cases. This is caused by the overlap
as internal gates switch between high and low, which causes
currents to flow from the device power supply to ground.
A current-mode device simply reverses a constant current
between its two outputs, with no significant overlap currents.
This is similar to emitter-coupled logic (ECL) and positive
emitter-coupled logic (PECL), but without the high quiescent
current of ECL and PECL.
ENABLE INPUTS
The ADN4667 has active high and active low enable inputs,
which deactivate all the current drivers when in the disabled
state. This also powers down the device and reduces the current
consumption from typically 20 mA to typically 2.2 mA. A truth
table for the enable inputs is shown in Table 5.
Table 5. Enable Inputs Truth Table
EN
EN
DIN
DOUT+
DOUT−
H
L or open
L
ISINK
ISOURCE
H
L or open
H
ISOURCE
ISINK
Any other combination of EN and EN
X
Inactive
Inactive
APPLICATIONS INFORMATION
Figure 24 shows a typical application for point-to-point data
transmission.
DIN
DOUT
RT
100Ω
EN
EN
1/4 ADN4667
RECEIVER
Figure 24. Typical Application Circuit


Similar Part No. - ADN4667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667 AD-ADN4667 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4667 AD-ADN4667 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4667ARUZ AD-ADN4667ARUZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667ARUZ AD-ADN4667ARUZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4667ARUZ-REEL7 AD-ADN4667ARUZ-REEL7 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
More results

Similar Description - ADN4667

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4667ARZ AD-ADN4667ARZ Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
REV. B
ADN4667 AD-ADN4667_V01 Datasheet
305Kb / 16P
   3 V LVDS Quad CMOS Differential Line Driver
Rev. B
ADN4665 AD-ADN4665 Datasheet
254Kb / 12P
   3 V, LVDS, Quad, CMOS Differential Line Driver
REV. 0
logo
Texas Instruments
DS90LV047A TI1-DS90LV047A_16 Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
306Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com