Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5626 Datasheet(PDF) 8 Page - Analog Devices

Part # AD5626
Description  5V,12-Bit nanoDAC, Serial Interface in MSOP and LFCSP Packages
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5626 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5626 Datasheet HTML 4Page - Analog Devices AD5626 Datasheet HTML 5Page - Analog Devices AD5626 Datasheet HTML 6Page - Analog Devices AD5626 Datasheet HTML 7Page - Analog Devices AD5626 Datasheet HTML 8Page - Analog Devices AD5626 Datasheet HTML 9Page - Analog Devices AD5626 Datasheet HTML 10Page - Analog Devices AD5626 Datasheet HTML 11Page - Analog Devices AD5626 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5626
Rev. 0 | Page 8 of 20
5.0
4.0
0.01
10
OUTPUT LOAD CURRENT (mA)
0.1
1
4.8
4.6
4.4
4.2
ΔVFS ≤ 1 LSB
DATA = 0xFFF
TA = 25°C
PROPER OPERATION
WHEN VDD SUPPLY
VOLTAGE IS ABOVE
CURVE
Figure 11. Minimum Supply Voltage vs. Load
TIME (ns)
2.07
2.06
2.05
2.04
2.11
2.10
2.09
2.08
2.03
4.0
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
0x7FF
0x800
0x800
0x7FF
Figure 12. Midscale DAC Glitch Performance
OUTPUT
CH2
SOURCE
2.90V
OFFSET
1.00V/DIV
VERTICLE SCALE
105.758µs
POSITION
50.0µs/DIV
HORIZONTAL SCALE
2
Figure 13. Large Signal Settling Time
OUTPUT
CH1
CH2
SOURCE
–1.95V
3.9875mV
OFFSET
2.00V/DIV
200mV/DIV
VERTICLE SCALE
22.725µs
22.725µs
POSITION
5.0µs/DIV
5.0µs/DIV
HORIZONTAL SCALE
1
2
LDAC
Figure 14. Rise Time Detail
CH1
CH2
SOURCE
–1.95V
87.6mV
OFFSET
2.00V/DIV
200mV/DIV
VERTICLE SCALE
22.725µs
22.725µs
POSITION
5.0µs/DIV
5.0µs/DIV
HORIZONTAL SCALE
OUTPUT
1
2
LDAC
Figure 15. Fall Time Detail
0.20
–0.15
0
4000
CODE
0.15
0.10
0.05
0
–0.05
–0.10
500
1000
1500
2000
2500
3000
3500
VDD = 5V
+25°C
–40°C
+85°C
Figure 16. Integral Linearity Error vs. Digital Code


Similar Part No. - AD5626

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AD562 MOTOROLA-AD562 Datasheet
157Kb / 5P
   LASER TRIMMED HIGH-SPEED 12-BIT CONVERTER
logo
Analog Devices
AD5620 AD-AD5620 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
AD5620ARJ-1500RL7 AD-AD5620ARJ-1500RL7 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
AD5620ARJ-1REEL7 AD-AD5620ARJ-1REEL7 Datasheet
558Kb / 24P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/C On-Chip Reference in SOT-23
REV. A
More results

Similar Description - AD5626

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD5611 AD-AD5611_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5621 AD-AD5621_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD5601 AD-AD5601_15 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, 100 A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
AD5601 AD-AD5601_13 Datasheet
466Kb / 24P
   2.7 V to 5.5 V, <100 關A, 8-/10-/12-Bit nanoDAC, SPI Interface in LFCSP and SC70
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com