Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD1984B Datasheet(PDF) 4 Page - Analog Devices

Part No. AD1984B
Description  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

AD1984B Datasheet(HTML) 4 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Rev. 0
|
Page 4 of 20
|
February 2008
AD1984B
AD1984B SPECIFICATIONS
TEST CONDITIONS
PERFORMANCE
GENERAL SPECIFICATIONS
Parameter
Test Condition
Temperature
Digital Supply
Analog Supply
MIC_BIAS_IN (via Low-Pass Filter)
Sample Rate fS
Input Signal (Frequency Sine Wave)
Amplitude for THD + N
Analog Output Pass Band
25°C
3.3 V
3.3 V
5.0 V
48 kHz
1008 Hz
–3.0 dB Full Scale
20 Hz to 20 kHz
DAC
10 k
Ω Output Load: Line-Out Tests
32
Ω Output Load: Headphone Tests
ADC
0 dB Gain
Parameter
Min
Typ
Max
Unit
Line-Out Drive (10 k
Ω loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–86
96
96
dB
dB
dB
Headphone Drive (32
Ω loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–80
96
96
dB
dB
dB
Microphone/Line-In (Pin to ADC, Mic Boost = 0 dB)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–81
90
90
dB
dB
dB
Parameter
Min
Typ
Max
Unit
DIGITAL DECIMATION AND INTERPOLATION FILTERS
1
Pass Band – fS (kHz) = 8 ~ 192
0
0.4 fS
Hz
Pass-Band Ripple– fS (kHz) = 8 ~ 192
±0.005
dB
Stop Band – fS (kHz) = 8 ~ 192
0.6 fS
Hz
Stop-Band Rejection – fS (kHz) = 8 ~ 192
–100
dB
Group Delay – fS (kHz) = 8 ~ 192
20
1/fS
Group Delay Variation over Pass Band
0
μs
ANALOG-TO-DIGITAL CONVERTERS
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
±0.5
dB
ADC Offset Error1
±5mV
ADC Crosstalk
1
Line-Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–85
dB
Line_In to Other
–100
–80
dB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD1987High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1984High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1882High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
AD1884High Definition Audio SoundMAX Codec 1 2 3 4 5 MoreAnalog Devices
92HD2028-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92278-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD2068-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD70010-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
92HD0012-CHANNEL HIGH DEFINITION AUDIO CODEC 1 2 3 4 5 MoreIntegrated Device Technology
STAC92022-CHANNEL HIGH DEFINITION AUDIO CODEC WITH 1 2 3 4 5 MoreIntegrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn