Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KD1084D2M28 Datasheet(PDF) 10 Page - STMicroelectronics

Part # KD1084D2M28
Description  5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

KD1084D2M28 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button KD1084D2M28 Datasheet HTML 6Page - STMicroelectronics KD1084D2M28 Datasheet HTML 7Page - STMicroelectronics KD1084D2M28 Datasheet HTML 8Page - STMicroelectronics KD1084D2M28 Datasheet HTML 9Page - STMicroelectronics KD1084D2M28 Datasheet HTML 10Page - STMicroelectronics KD1084D2M28 Datasheet HTML 11Page - STMicroelectronics KD1084D2M28 Datasheet HTML 12Page - STMicroelectronics KD1084D2M28 Datasheet HTML 13Page - STMicroelectronics KD1084D2M28 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
KD1084 SERIES
10/18
ELECTRICAL CHARACTERISTICS OF KD1084#33 (VI=6.3V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
ELECTRICAL CHARACTERISTICS OF KD1084#36 (VI=6.6V, CI = CO =10µF (Tant.), TA = -40 to 125°C,
unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA
TJ = 25°C
3.234
3.3
3.366
V
IO = 0 to 5A VI = 4.9 to 10V
3.2
3.3
3.4
V
∆V
O
Line Regulation
IO = 0 mA
VI = 4.9 to 10V TJ = 25°C
0.5
6
mV
IO = 0 mA
VI = 4.9 to 10V
1
6
mV
∆V
O
Load Regulation
IO = 0 to 5A TJ = 25°C
3
15
mV
IO = 0 to 5A
7
20
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 10V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, IO = 5A
VI = 6.8 ± 1.5V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
IO = 0 mA
TJ = 25°C
3.528
3.6
3.672
V
IO = 0 to 5A VI = 5.2 to 10V
3.492
3.6
3.708
V
∆V
O
Line Regulation
IO = 0 mA
VI = 5.2 to 10V TJ = 25°C
0.5
10
mV
IO = 0 mA
VI = 5.2 to 10V
1
10
mV
∆V
O
Load Regulation
IO = 0 to 5A TJ = 25°C
3
15
mV
IO = 0 to 5A
7
20
V
Vd
Dropout Voltage
IO =5 A
1.3
1.5
V
Iq
Quiescent Current
VI ≤ 10V
5
10
mA
Isc
Short Circuit Current
VI - VO = 5V
5.5
7
A
Termal Regulation
TA = 25°C, 30ms pulse
0.003
0.015
%/W
SVR
Supply Voltage Rejection
f = 120 Hz,
CO = 25 µF, IO = 5A
VI = 7.1 ± 1.5V
60
72
dB
eN
RMS Output Noise Voltage
(% of VO)
TA = 25°C
f =10Hz to 10KHz
0.003
%
S
Temperature Stability
0.5
%
S
Long Term Stability
TA = 125°C 1000Hrs
0.5
%


Similar Part No. - KD1084D2M28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KD1084D2T25R STMICROELECTRONICS-KD1084D2T25R Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
KD1084D2T25R STMICROELECTRONICS-KD1084D2T25R Datasheet
768Kb / 22P
   5 A low drop positive voltage regulator adjustable and fixed
More results

Similar Description - KD1084D2M28

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD1084 STMICROELECTRONICS-LD1084 Datasheet
563Kb / 18P
   5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
KD1084 STMICROELECTRONICS-KD1084_07 Datasheet
349Kb / 22P
   5A Low drop positive voltage regulator adjustable and fixed
LD1117DT12CTR STMICROELECTRONICS-LD1117DT12CTR Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
logo
First Silicon Co., Ltd
FR1117P FS-FR1117P Datasheet
401Kb / 6P
   LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATOR
2012. 07. 20 Revision No : 7
logo
STMicroelectronics
LD1117V-DG STMICROELECTRONICS-LD1117V-DG Datasheet
1Mb / 44P
   Adjustable and fixed low drop positive voltage regulator
LD1117XX STMICROELECTRONICS-LD1117XX Datasheet
1Mb / 42P
   Adjustable and fixed low drop positive voltage regulator
KD1083 STMICROELECTRONICS-KD1083 Datasheet
476Kb / 11P
   7.5A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085C STMICROELECTRONICS-LD1085C Datasheet
370Kb / 15P
   3A LOW DROP POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED
LD1085 STMICROELECTRONICS-LD1085_07 Datasheet
509Kb / 27P
   3A Low drop positive voltage regulator adjustable and fixed
LD1086XX STMICROELECTRONICS-LD1086XX Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com