Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR804 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # FR804
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

FR804 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  FR804 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited FR804 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC TO-220AC,molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Weight: 0.064 ounces,1.81 gram
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FR
803
FR
804
FR
805
UNITS
Maximum recurrent peak reverse voltage
V RRM
V
Maximum RMS voltage
V RMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
@T
C=100
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 8.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Maximum reverse recovery time (Note1)
t rr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
NOTE:1. Measured with I
F=0.5A, IR=1A, Irr=0.25A.
VOLTAGE RANGE: 50 --- 600 V
CURRENT: 8.0 A
100
200
400
600
FR
802
8.0
A
FAST RECOVERY RECTIFIER
IF(AV)
The plastic material carries U/L recognition 94V-0
IR
150
10
150
1.3
70
140
280
420
A
IFSM
3. Thermal resistance f rom junction to ambient.
A
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55---- +175
- 55---- + 175
22
150
250
70
FR801---FR805
GALAXY ELECTRICAL
TO-220AC
50
35
50
FR
801
Easily cleaned with Freon,Alcohol,Isopropanol
100
200
400
600
BL
BLGALAXYELECTRICAL
Document Number 0261076
1.
www.galaxycn.com


Similar Part No. - FR804

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FR804 RECTRON-FR804 Datasheet
25Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 800 Volts CURRENT 8.0 Amperes)
logo
Nantong Hornby Electron...
FR804 HORNBY-FR804 Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Bytes
FR804 BYTES-FR804 Datasheet
160Kb / 2P
   8.0 AMP FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
FR804 RECTRON-FR804 Datasheet
103Kb / 5P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes
2016-08 REV:A
logo
Diodes Incorporated
FR804 DIODES-FR804 Datasheet
60Kb / 2P
   8.0A FAST RECOVERY RECTIFIER
DS26005 Rev. D-3
More results

Similar Description - FR804

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com