Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6574 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6574
Description  4:1 High Speed Video Multiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6574 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6574_05 Datasheet HTML 6Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 7Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 8Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 9Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 10Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 11Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 12Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 13Page - National Semiconductor (TI) LMH6574_05 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Application Notes
GENERAL INFORMATION
The LMH6574 is a high-speed 4:1 analog multiplexer, opti-
mized for very high speed and low distortion. With selectable
gain and excellent AC performance, the LMH6574 is ideally
suited for switching high resolution, presentation grade video
signals. The LMH6574 has no internal ground reference.
Single or split supply configurations are both possible. The
LMH6574 features very high speed channel switching and
disable times. When disabled the LMH6574 output is high
impedance making MUX expansion possible by combining
multiple devices. See “Multiplexer Expansion” section below.
VIDEO PERFORMANCE
The LMH6574 has been designed to provide excellent per-
formance with production quality video signals in a wide
variety of formats such as HDTV and High Resolution VGA.
Best performance will be obtained with back-terminated
loads. The back termination reduces reflections from the
transmission line and effectively masks transmission line
and other parasitic capacitances from the amplifier output
stage. Figure 1 shows a typical configuration for driving a
75
Ω. Cable. The output buffer is configured for a gain of 2,
so using back terminated loads will give a net gain of 1.
FEEDBACK RESISTOR SELECTION
20119722
FIGURE 1. Typical Application
20119732
FIGURE 2. Suggested R
F vs. Gain
www.national.com
10


Similar Part No. - LMH6574_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574MA NSC-LMH6574MA Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574MA TI1-LMH6574MA Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
LMH6574MA/NOPB TI1-LMH6574MA/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574MAX NSC-LMH6574MAX Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574MAX/NOPB TI1-LMH6574MAX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
More results

Similar Description - LMH6574_05

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6574 TI1-LMH6574 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6574 4:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com