Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLC532AJP Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC532AJP
Description  High Speed 2:1 Analog Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC532AJP Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC532AJP Datasheet HTML 1Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 2Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 3Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 4Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 5Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 6Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 7Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 8Page - National Semiconductor (TI) CLC532AJP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Positive Supply Voltage (+V
CC)
−0.5V to +7.0V
Negative Supply Voltage (−V
EE)
+0.5V to −7.0V
Differential Voltage between any two
GND’s
200mV
Analog Input Voltage Range
−V
EE to +VCC
Digital Input Voltage Range
−V
EE to +VCC
Output Short Circuit Duration (Output
Shorted to GND)
Infinite
Operating Temperature Range
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Solder Duration (+300˚C)
10 sec
ESD Rating
<500V
Operating Ratings
Positive Supply Voltage (+V
CC)
+5v
Negative Supply Voltage (−V
EE)
−5.2V or −5.0V
Differential Voltage between any two
GDN’s
10mV
Analog Input Voltage Range
±2V
SELECT Input Voltage Range (TTL
Mode)
0.0V to +3.0V
SELECT Input Voltage Range (ECL
Mode)
−2.0V to 0.0V
C
COMPRange (Note 3)
5pF to 100pF
Thermal Resistance (
θ
JC)
MDIP
55˚C/W
SOIC
35˚C/W
Thermal Resistance (
θ
JA)
MDIP
100˚C/W
SOIC
105˚C/W
Electrical Characteristics
(+V
CC = +5.0V; −VEE = −5.2V; RIN =50Ω;RL = 500Ω;CCOMP = 10pF; ECL Mode, pin 6 = NC)
Symbol
Parameter
Conditions
Typ
Max/Min Ratings
(Note 2)
Units
Case Temperature
CLC532AJP/AJE
+25˚C
−40˚C
+25˚C
+85˚C
Frequency Domain Response
SSBW
-3dB Bandwidth
V
OUT <0.1VPP
190
140
140
110
MHz
LSBW
V
OUT =2VPP
45
35
35
30
MHz
Gain Flatness
V
OUT < 0.1VPP
GFP
Peaking
0.1MHz to 200MHz
0.2
0.7
0.7
0.8
dB
GFR
Rolloff
0.1MHz to 100MHz
1.0
1.8
1.8
2.6
dB
LPD
Linear Phase Deviation
DC to 100MHz
2.0
deg
DG
Differential Gain
C
COMP = 5pF; RL = 150Ω
0.05
%
DP
Differential Phase
C
COMP = 5pF; RL = 150Ω
0.01
deg
CT10
Crosstalk Rejection
2V
PP, 10MHz
80
75
75
74
dB
CT20
2V
PP, 20MHz
74
69
69
68
dB
CT30
2V
PP, 30MHz
68
63
63
62
dB
Time Domain Performance
TRS
Rise and Fall Time
0.5V Step
2.7
3.3
3.3
3.8
ns
TRL
2V Step
10
12.5
12.5
14.5
ns
TS14
Settling Time
2V Step; from 50% V
OUT
±0.0025%
35
ns
TSP
±0.01%
17
24
24
27
ns
TSS
±0.1%
13
18
18
21
ns
OS
Overshoot
2.0V Step
2556
%
SR
Slew Rate
160
130
130
110
V/µs
Switch Performance
SWT10
Channel to Channel Switching
Time (2V Step at Output)
50% SELECT to 10% V
OUT
5778
ns
SWT90
50% SELECT to 90% V
OUT
15
20
20
23
ns
ST
Switching Transient
30
mV
Distortion And Noise Performance
HD2
2nd Harmonic Distortion
2V
PP, 5MHz
80
67
67
67
dBc
HD3
3rd Harmonic Distortion
2V
PP, 5MHz
86
68
68
68
dBc
Equivalent Input Noise
SNF
Spot Noise Voltage
>1MHz
3.1
nV/
www.national.com
2


Similar Part No. - CLC532AJP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532AJP NSC-CLC532AJP Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
More results

Similar Description - CLC532AJP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC532 NSC-CLC532 Datasheet
277Kb / 12P
   High-Speed 2:1 Analog Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
OPA875 TI-OPA875 Datasheet
659Kb / 18P
[Old version datasheet]   Single 2:1 High-Speed Video Multiplexer
logo
Burr-Brown (TI)
MPC801 BURR-BROWN-MPC801 Datasheet
82Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com