Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3861PCK-412 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3861PCK-412
Description  WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3861PCK-412 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3861PCK-412 Datasheet HTML 1Page - RF Micro Devices RF3861PCK-412 Datasheet HTML 2Page - RF Micro Devices RF3861PCK-412 Datasheet HTML 3Page - RF Micro Devices RF3861PCK-412 Datasheet HTML 4Page - RF Micro Devices RF3861PCK-412 Datasheet HTML 5Page - RF Micro Devices RF3861PCK-412 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 of 6
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
NC
NC
NC
NC
NC
NC
RF OUT
RF IN
RF3861
WIDE BANDWIDTH, HIGH LINEARITY
LOW NOISE AMPLIFIER
The RF3861 is a low noise amplifier with a high output IP3. The amplifier
is self-biased from a single voltage supply with 50
Ω input and output
ports. The useful frequency range is from 700MHz to 3800MHz. A 1dB
noise figure and 36dBm OIP3 performance is achieved with a 5V VDD,
90mA. Current can be increased to raise OIP3 while having minimal effect
on noise figure. The IC is featured in a standard QFN, 16-pin, 3mmx3mm
package.
Features
Low Noise and High Intercept
Point
Adjustable Bias Current
Single 2.5V to 6.0V Power
Supply
700MHz to 3800MHz Opera-
tion
Extremely Small QFN16
3mmx3mm Package
Applications
CDMA,PCS,ECS,UMTS
LNA/Linear Driver
WLAN LNA/Linear Driver
WiMAX LNA/Linear Driver
900MHz LNA/Linear Driver
General Purpose Amplifica-
tion
RF3861
Wide Bandwidth, High Linearity Low Noise Amplifier
RF3861PCK-410
Fully Assembled Evaluation Board with 5 Sample Parts
1.5GHz to 2.7GHz
RF3861PCK-411
3.3GHz to 3.8GHz
RF3861PCK-412
700MHz to 1100MHz
Rev A0 DS070806
Package Style: QFN, 16-Pin, 3mmx3mm


Similar Part No. - RF3861PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863PCK-410 RFMD-RF3863PCK-410 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863PCK-411 RFMD-RF3863PCK-411 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3863PCK-412 RFMD-RF3863PCK-412 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
More results

Similar Description - RF3861PCK-412

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3863 RFMD-RF3863 Datasheet
118Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF3866 RFMD-RF3866 Datasheet
150Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3865 RFMD-RF3865 Datasheet
151Kb / 6P
   WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER
RF3867 RFMD-RF3867 Datasheet
164Kb / 8P
   DUAL-CHANNEL, WIDE BANDWIDTH, HIGH LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442 Datasheet
176Kb / 10P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8051 NXP-BGU8051 Datasheet
222Kb / 16P
   Low noise high linearity amplifier
Rev. 7-8 June 2017
logo
Broadcom Corporation.
MGA-636P8 BOARDCOM-MGA-636P8 Datasheet
585Kb / 14P
   High Linearity Low Noise Amplifier
logo
RF Micro Devices
RF2442 RFMD-RF2442_1 Datasheet
311Kb / 12P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
RF2442 RFMD-RF2442_15 Datasheet
912Kb / 11P
   HIGH-LINEARITY LOW NOISE AMPLIFIER
logo
NXP Semiconductors
BGU8062 NXP-BGU8062 Datasheet
270Kb / 18P
   low-noise high-linearity amplifier
Rev. 2-24 January 2017
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com