Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5189PCBA-41X Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF5189PCBA-41X
Description  3V, 2.45GHz LINEAR POWER AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5189PCBA-41X Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF5189PCBA-41X Datasheet HTML 4Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 5Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 6Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 7Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 8Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 9Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 10Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 11Page - RF Micro Devices RF5189PCBA-41X Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 of 12
RF5189
Rev A8 DS071212
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
PCB Design Requirements
PCB Surface Finish
The PCB surface finish used for RFMD’s qualification process is electroless nickel, immersion gold. Typical thickness is 3
μinch
to 8
μinch gold over 180μinch nickel.
PCB Land Pattern Recommendation
PCB land patterns are based on IPC-SM-782 standards when possible. The pad pattern shown has been developed and tested
for optimized assembly at RFMD; however, it may require some modifications to address company specific assembly pro-
cesses. The PCB land pattern has been developed to accommodate lead and package tolerances.
PCB Metal Land Pattern
B
B
B
A
A
A
B
B
B
C
A
A
A
Dimensions in mm.
Pin 1
Pin 6
Pin 9
Pin 12
0.78 Typ.
0.78 Typ.
1.00 Typ.
A = 0.69 x 0.28 (mm) Typ.
B = 0.28 x 0.69 (mm) Typ.
C = 1.45 (mm) Sq.
0.50 Typ.
1.00 Typ.
0.50 Typ.
Figure 1. PCB Metal Land Pattern (Top View)


Similar Part No. - RF5189PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189PCBA RFMD-RF5189PCBA Datasheet
229Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189PCBA RFMD-RF5189PCBA Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5189PCBA-41X

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189 Datasheet
229Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_11 Datasheet
195Kb / 12P
   2.45GHz LINEAR POWER AMPLIFIER
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF5300 RFMD-RF5300_1 Datasheet
237Kb / 10P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2192 RFMD-RF2192_1 Datasheet
282Kb / 12P
   3V 900MHz LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163_06 Datasheet
148Kb / 10P
   3V, 2.5GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com