Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5188 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF5188
Description  3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5188 Datasheet(HTML) 4 Page - RF Micro Devices

  RF5188_1 Datasheet HTML 1Page - RF Micro Devices RF5188_1 Datasheet HTML 2Page - RF Micro Devices RF5188_1 Datasheet HTML 3Page - RF Micro Devices RF5188_1 Datasheet HTML 4Page - RF Micro Devices RF5188_1 Datasheet HTML 5Page - RF Micro Devices RF5188_1 Datasheet HTML 6Page - RF Micro Devices RF5188_1 Datasheet HTML 7Page - RF Micro Devices RF5188_1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 of 8
RF5188
Rev A4 DS060310
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Package Drawing
Pin
Function
Description
Interface Schematic
1RF IN
RF input internally matched to 50
Ω. This input is internally AC-coupled.
2GND
Ground connection.
3VMODE
For nominal operation (High Power mode), VMODE is set LOW. When set
HIGH, devices are biased lower to improve efficiency at lower output levels.
4VREG
Regulated voltage supply for amplifier bias circuit. In power down mode,
both VREG and VMODE need to be LOW (<0.5V).
5NC
No connection. Do not connect this pin to any external circuit.
6NC
No connection. Do not connect this pin to any external circuit.
7NC
No connection. Do not connect this pin to any external circuit.
8NC
No connection. Do not connect this pin to any external circuit.
9RF OUT
RF output. Internally AC-coupled.
10
VCC2
Output stage collector supply. Please see the schematic for required exter-
nal components.
11
VCC2
Same as pin 10.
12
VCC2
Same as pin 10.
13
NC
No connection. Do not connect this pin to any external circuit.
14
IM
Interstage matching. Connect to pin 15.
15
VCC1/IM
First stage collector supply and interstage matching. A 4.7
μF decoupling
capacitor may be required. Connect to pin 14.
16
VCCBIAS
Power supply input for the DC bias circuitry.
Pkg
Base
GND
Ground connection. The backside of the package should be soldered to a
top side ground pad which is connected to the ground plane with multiple
vias. The pad should have a short thermal path to the ground plane.
B
3.00
A
3.00
Pin 1 ID
2 PLCS
0.15 C
2 PLCS
0.15 C
0.203 REF
0.102 REF
0.08 C
C
0.08 C
0.925
0.775
1.45
0.05
0.28
0.18
TYP
Pin 1 ID
0.50 TYP
0.40
0.20
TYP
0.10
C AB
M
1.45
Shaded areas represent pin 1.
Dimensions in mm.


Similar Part No. - RF5188_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5188PCBA-41X RFMD-RF5188PCBA-41X Datasheet
89Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
More results

Similar Description - RF5188_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5198 RFMD-RF5198 Datasheet
92Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5188 RFMD-RF5188 Datasheet
89Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF5198 RFMD-RF5198_1 Datasheet
214Kb / 8P
   3V 1950MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_06 Datasheet
79Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF3165 RFMD-RF3165_1 Datasheet
177Kb / 6P
   3V 1750MHZ W-CDMA LINEAR POWER AMPLIFIER MODULE
RF2186 RFMD-RF2186 Datasheet
155Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF5176 RFMD-RF5176 Datasheet
169Kb / 6P
   3V W-CDMA POWER 1900MHZ/ 3V LINEAR POWER AMPLIFIER
RF2161 RFMD-RF2161 Datasheet
150Kb / 8P
   3V W-CDMA POWER 1900MHZ 3V LINEAR POWER AMPLIFIER
RF3266 RFMD-RF3266 Datasheet
191Kb / 10P
   3V W-CDMA LINEAR PA MODULE
RF3514 RFMD-RF3514 Datasheet
115Kb / 1P
   3V W-CDMA SINGLE-BAND POWER AMPLIFIER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com