Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5300 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5300
Description  3V, 5GHz LINEAR POWER AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5300 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5300_1 Datasheet HTML 1Page - RF Micro Devices RF5300_1 Datasheet HTML 2Page - RF Micro Devices RF5300_1 Datasheet HTML 3Page - RF Micro Devices RF5300_1 Datasheet HTML 4Page - RF Micro Devices RF5300_1 Datasheet HTML 5Page - RF Micro Devices RF5300_1 Datasheet HTML 6Page - RF Micro Devices RF5300_1 Datasheet HTML 7Page - RF Micro Devices RF5300_1 Datasheet HTML 8Page - RF Micro Devices RF5300_1 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
5
6
9
10
11
4
3
2
1
13
14
16
7
8
15
12
GND
RF IN
RF IN
GND
GND
GND
RF OUT
RF OUT
Interstage
Match
Input
Match
Output
Match
Interstage
Match
Bias
Bias
RF5300
3V, 5GHz LINEAR POWER AMPLIFIER
The RF5300 is a linear, medium-power, high-efficiency amplifier IC
designed specifically for battery-powered WLAN applications such as PC
cards, mini PCI, and compact flash applications. The device is manufac-
tured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor
(HBT) process, and has been designed for use as the final RF amplifier in
5GHz WLAN and other spread-spectrum transmitters. The device is pro-
vided in a 16-pin leadless chip carrier with a backside ground. The
RF5300 is designed to maintain linearity over a wide range of supply volt-
age and power output. The RF5300 is designed to reduce end-product
BOM count by integrating all matching circuitry onto the chip.
Features
Single Power Supply 3.0V to
5.0V
50
Ω Input/Output Imped-
ance
30dB Gain (typ. UNII-1 and 2)
High Linearity
4900MHz to 5850MHz Fre-
quency Range
Applications
IEEE802.11a/n WLAN Appli-
cations
HyperLAN
Wireless LAN Systems
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
Spread-Spectrum and MMDS
Systems
RF5300
3V, 5GHz Linear Power Amplifier
RF5300PCBA-41X
Fully Assembled Evaluation Board
Rev A9 DS070820
RF53003V,
5GHz Linear
Power Ampli-
fier
RoHS Compliant & Pb-Free Product
Package Style: QFN, 16-Pin, 3 x 3


Similar Part No. - RF5300_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300PCBA-41X RFMD-RF5300PCBA-41X Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
More results

Similar Description - RF5300_1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5300 RFMD-RF5300 Datasheet
112Kb / 6P
   3V, 5GHz LINEAR POWER AMPLIFIER
RF5355 RFMD-RF5355 Datasheet
1Mb / 11P
   3.3V, 5GHz LINEAR POWER AMPLIFIER
SZM-5066Z RFMD-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
Qorvo, Inc
SZM-5066Z QORVO-SZM-5066Z Datasheet
1Mb / 14P
   5.0V, 5GHz HIGH POWER LINEAR POWER AMPLIFIER
logo
RF Micro Devices
RF2189 RFMD-RF2189 Datasheet
102Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2196 RFMD-RF2196 Datasheet
180Kb / 8P
   3V PCS LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_06 Datasheet
203Kb / 10P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
RF2129 RFMD-RF2129 Datasheet
83Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF2163 RFMD-RF2163 Datasheet
96Kb / 6P
   3V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5189 RFMD-RF5189_1 Datasheet
254Kb / 12P
   3V, 2.45GHz LINEAR POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com