Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5388PCBA-410 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF5388PCBA-410
Description  3.3V, DUAL-BAND FRONT-END MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5388PCBA-410 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF5388PCBA-410 Datasheet HTML 2Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 3Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 4Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 5Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 6Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 7Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 8Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 9Page - RF Micro Devices RF5388PCBA-410 Datasheet HTML 10Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 of 14
RF5388
Preliminary
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin
Function
Description
Interface Schematic
1LNA VCC
5GHz LNA input voltage supply.
2GND
Ground connection.
3GND
Ground connection.
4PA EN_g
Bias voltage for the 802.11b/g PA. Internally decoupled port with approximately
100pF.
5GND
Ground connection.
6TX_g
RF input for the 802.11b/g PA. Input is matched to 50
Ω and DC block is pro-
vided internally.
7GND
Ground connection.
8TX_a
TX RF input for the 802.11a PA. Input is matched to 50
Ω and DC block is pro-
vided internally.
9GND
Ground Connection.
10
PA EN_a
Bias voltage for the 802.11a PA. Internally decoupled port with approximately
100pF.
11
GND
Ground connection.
12
GND
Ground connection.
13
GND
Ground connection.
14
VCC_g
Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors
for best performance.
15
VCC_a
Supply voltage for the 11a amplifier. Requires external decoupling capacitors
for best performance.
16
VCC_g
Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors
for best performance.
17
VCC_a
Supply voltage for the 11a amplifier. Requires external decoupling capacitors
for best performance.
18
VCC_a
Supply voltage for the 11a amplifier. Requires external decoupling capacitors
for best performance.
19
PDET_a
Power detector voltage for the 802.11a PA. Pdetect voltage varies with output
power. May need external decoupling capacitor for module stability. May need
resistive voltage divider to bring output voltage to desired level.
20
PDET_g
Power detector voltage for the 802.11b/g PA. Pdetect voltage varies with output
power. May need external decoupling capacitor for module stability. May need
resistive voltage divider to bring output voltage to desired level.
21
GND
Ground connection.
22
GND
Ground connection.
23
NC
No Connect.
24
GND
Ground connection.
25
VCC_g
Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors
for best performance.
26
VCC_g
Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors
for best performance.
27
SW1
Switch control port. (See Switch Truth table.)
28
ANT
Antenna port. This port is matched to 50
Ω and DC block is not provided inter-
nally.
29
GND
Ground connection.
30
NC
No Connect.
31
SW2
Switch control port. (See Switch Truth table.)
32
GND
Ground connection.
33
GND
Ground connection.
34
GND
Ground connection.


Similar Part No. - RF5388PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5385 RFMD-RF5385 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385PCK-410 RFMD-RF5385PCK-410 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SQ RFMD-RF5385SQ Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385SR RFMD-RF5385SR Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5385TR7 RFMD-RF5385TR7 Datasheet
815Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
More results

Similar Description - RF5388PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
   3.7V, DUAL-BAND FRONT-END MODULE
RF6515 RFMD-RF6515 Datasheet
1Mb / 11P
   3.3V, 2.4GHz FRONT-END MODULE
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
   3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY68000-31 SKYWORKS-SKY68000-31 Datasheet
144Kb / 2P
   LTE Dual-Band Front-End Module for IoT
SKY68000-11 SKYWORKS-SKY68000-11 Datasheet
164Kb / 2P
   LTE Dual-Band Front-End Module for IoT
logo
NXP Semiconductors
SA1920 PHILIPS-SA1920 Datasheet
215Kb / 36P
   Dual-band RF front-end
1999 Mar 02
logo
RF Micro Devices
RF5924 RFMD-RF5924_1 Datasheet
243Kb / 14P
   3.7V, SINGLE-BAND FRONT-END MODULE
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
   3.7V, SINGLE-BAND FRONT-END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com