Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF5924 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF5924
Description  3.7V, SINGLE-BAND FRONT-END MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5924 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF5924 Datasheet HTML 3Page - RF Micro Devices RF5924 Datasheet HTML 4Page - RF Micro Devices RF5924 Datasheet HTML 5Page - RF Micro Devices RF5924 Datasheet HTML 6Page - RF Micro Devices RF5924 Datasheet HTML 7Page - RF Micro Devices RF5924 Datasheet HTML 8Page - RF Micro Devices RF5924 Datasheet HTML 9Page - RF Micro Devices RF5924 Datasheet HTML 10Page - RF Micro Devices RF5924 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
RF5924
Rev A6 DS061018
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Pin Out
Top Side View
GND
TX IN
GND
RX IN-
RX IN+
ANSW-M
ANSW-P
OUT
P_DETECT
VCC
5
6
7
8
9
10
11
12
2
3
4
1
16
15
14
13
Shaded area represents Pin 1.


Similar Part No. - RF5924

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
   3.7V, SINGLE-BAND FRONT-END MODULE
RF5924PCBA-41X RFMD-RF5924PCBA-41X Datasheet
34Kb / 2P
   3.7V, SINGLE-BAND FRONT-END MODULE
More results

Similar Description - RF5924

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5924 RFMD-RF5924 Datasheet
34Kb / 2P
   3.7V, SINGLE-BAND FRONT-END MODULE
RF3388 RFMD-RF3388 Datasheet
93Kb / 2P
   3.7V, DUAL-BAND FRONT-END MODULE
RF5725 RFMD-RF5725 Datasheet
453Kb / 11P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RFFM3482E RFMD-RFFM3482E Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz SINGLE-BAND FRONT END MODULE
RF5388 RFMD-RF5388 Datasheet
510Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
logo
Skyworks Solutions Inc.
SKY85812-11 SKYWORKS-SKY85812-11 Datasheet
176Kb / 2P
   Dual-Band 802.11ac Front-End Module
logo
RF Micro Devices
RF5389 RFMD-RF5389 Datasheet
632Kb / 14P
   3.3V, DUAL-BAND FRONT-END MODULE
RF5745 RFMD-RF5745 Datasheet
435Kb / 11P
   2.4GHz TO 2.5GHz, 802.11b/g/n SINGLE-BAND FRONT END MODULE
logo
Skyworks Solutions Inc.
SKY65227-11 SKYWORKS-SKY65227-11 Datasheet
281Kb / 9P
   WLAN 802.11n Single Band 2.4 GHz MIMO Intera??Front-End Module
logo
RF Micro Devices
RF5288 RFMD-RF5288 Datasheet
1Mb / 15P
   3.0V TO 3.6V, DUAL-BAND FRONT-END MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com