Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5062 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N5062
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5062 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N5062 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5062 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Glass passivated chips
and similar solvents
MECHANICAL DATA
Case: JEDEC DO-15, m olded plastic
-202,Method 208
Mounting: Any
Ratings at 25
ambient tem perature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ard rectified current
9.5mm lead length, @T
A=50
Peak forw ard surge current
10ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous
@1.0A
forw ard voltage
@ 2.5A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage @T
A=150
Maximum reverse recovery time
(Note1)
trr
µ s
Typical junction capacitance
(Note2)
C
Typical thermal resistance
(Note3)
RθJA
K/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
3. Thermal resistance from junction to ambient.
1N5059
1N5060
1N5061
1N5062
2
00
400
600
800
A
UNITS
200
400
600
800
IF(AV)
140
280
420
560
1N5059---1N5062
PLASTIC SILICON RECTIFIER
VOLT AGE RANGE: 200---800 V
CURRENT : 2.0 A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
DO - 15
Low forward voltage drop
High crrent capability
Easily cleaned with Freon,Alcohol, lsopropand
Polarity: Color band denotes cathode
Weight: 0.014 ounces, 0.39gram s
A
- 55 ----- + 175
NOTE: 1.Measured with IF=0.5A, IR=1A, Irr=0.25A.
2. Measured at 1.0MHZ and applied rev erse v oltage of 0V DC.
- 55 ----- + 175
4.0
1.0
40
45
GALAXY ELECTRICAL
Term inals: Axial leads,solderable per MIL-STD
A
IR
IFSM
100
1.0
2
.0
5
0.0
www.galaxycn.com
BLGALAXY ELECTRICAL
BL
Document Number 02600
43
1.
1.15
pF
J


Similar Part No. - 1N5062

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5062 POWEREX-1N5062 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Digitron Semiconductors
1N5062 DIGITRON-1N5062 Datasheet
90Kb / 2P
   STANDARD AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
1N5062 VISHAY-1N5062 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
Diotec Semiconductor
1N5062 DIOTEC-1N5062 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
General Semiconductor
1N5062 GE-1N5062 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 1N5062

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com