Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5060 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 1N5060
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N5060 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1N5060 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N5060 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1
10
20
40
30
50
5
10
100
50
10ms Single Half
Sine-Wave
TJ=25℃
www.galaxycn.com
Document Number 0260043
2
.
RATINGSANDCHARACTERISTIC CURVES
1N5059---1N5062
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 -- PEAK FORWARD SURGE CURRENT
SETTIMEBASEFOR2.0µ s/cm
NOTES:1.RISETIME= 7ns MAX.INPUTIMPEDANCE=1M . 22pF.
JJJJ 2.RISETIME=10ns MAX.SOURCEIMPEDANCE=50 .
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
NUMBER OF CYCLES AT50Hz
BLGALAXYELECTRICAL
REVERSE VOLTAGE,VOLTS
AMBIENTTEMPERATURE,
FIG.5--TYPICAL JUNCTION CAPACITANCE
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
0.01
0.1
1.0
10
20
TJ=25
Pulse Width=300µS
0.4
0.6
0.8
1.0
1.2
1.4
Single Phase
Half Wave 50HZ
Resistive or
Inductive Load
0.4
0
0
25
50
0.8
1.2
1.6
2.0
100
75
125
175
150
    
TJ=25
1
2
4
6
10
20
40
60
100
200
0.1 0.2
0.4
1
2
4
10
40
100
20


Similar Part No. - 1N5060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N5060 POWEREX-1N5060 Datasheet
204Kb / 4P
   Passivated Rectifier
logo
Diotec Semiconductor
1N5060 DIOTEC-1N5060 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
Vishay Siliconix
1N5060 VISHAY-1N5060 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
1N5060 VISHAY-1N5060 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
logo
General Semiconductor
1N5060 GE-1N5060 Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
More results

Similar Description - 1N5060

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com