Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD2250SOT89 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD2250SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2250SOT89 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD2250SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
Datasheet v3.0
FPD2250SOT89
S-PARAMETERS: BIASED @ 5V, 50%IDSS
FREQ[GHz]
S11m
S11a
S21m
S21a
S12m
S12a
S22m
S22a
0.500
0.823
-119.1
16.103
109.2
0.027
46.5
0.459
-159.0
0.750
0.772
-142.8
11.584
97.3
0.033
44.3
0.450
-167.9
1.000
0.758
-157.5
9.092
87.6
0.038
42.7
0.455
-176.0
1.250
0.753
-168.0
7.526
79.7
0.044
41.6
0.445
178.5
1.500
0.752
-178.1
6.335
72.9
0.049
40.2
0.445
172.0
1.750
0.745
174.3
5.505
65.7
0.054
37.8
0.447
167.4
2.000
0.746
166.8
4.905
59.1
0.060
35.6
0.439
162.5
2.250
0.740
159.4
4.410
52.7
0.066
32.8
0.439
157.4
2.500
0.743
152.6
4.030
46.3
0.072
29.4
0.433
152.2
2.750
0.744
145.5
3.702
40.4
0.078
26.8
0.436
146.2
3.000
0.740
138.4
3.409
33.7
0.083
22.5
0.436
140.8
3.250
0.751
132.4
3.173
27.4
0.089
18.7
0.436
134.3
3.500
0.750
125.7
2.953
21.2
0.095
14.7
0.450
128.5
3.750
0.755
119.7
2.753
15.0
0.100
10.7
0.459
122.9
4.000
0.762
113.4
2.573
9.1
0.104
6.4
0.473
117.7
4.250
0.762
107.4
2.408
2.9
0.108
2.1
0.487
112.8
4.500
0.781
102.3
2.260
-2.7
0.112
-1.8
0.497
108.0
4.750
0.788
97.0
2.119
-8.2
0.115
-5.8
0.512
103.2
5.000
0.803
92.1
2.000
-13.6
0.118
-9.6
0.521
98.7
5.250
0.809
86.7
1.896
-18.9
0.122
-13.3
0.532
94.6
5.500
0.810
82.3
1.801
-24.3
0.125
-17.2
0.537
90.5
5.750
0.828
78.1
1.718
-29.3
0.129
-20.8
0.548
86.8
6.000
0.880
71.8
1.701
-35.9
0.137
-26.3
0.589
82.7
6.250
0.862
67.8
1.610
-40.7
0.138
-29.6
0.583
79.0
6.500
0.878
62.1
1.540
-47.5
0.142
-35.4
0.599
72.5
6.750
0.853
58.8
1.452
-51.7
0.142
-38.2
0.589
67.5
7.000
0.854
55.3
1.385
-56.3
0.144
-41.7
0.584
61.7
7.250
0.851
51.5
1.337
-60.9
0.147
-45.3
0.578
56.7
7.500
0.847
47.7
1.283
-65.9
0.148
-49.2
0.580
51.6
7.750
0.856
43.8
1.247
-71.0
0.153
-53.4
0.591
46.6
8.000
0.869
39.4
1.203
-76.8
0.155
-58.3
0.602
41.0
8.250
0.873
33.4
1.145
-82.4
0.155
-62.8
0.620
36.4
8.500
0.868
28.1
1.094
-87.5
0.155
-67.5
0.634
31.8
8.750
0.878
23.1
1.043
-92.9
0.155
-72.2
0.655
28.2
9.000
0.885
17.4
0.995
-97.9
0.155
-76.6
0.671
24.5
9.250
0.886
12.5
0.949
-102.8
0.154
-81.1
0.687
22.0
9.500
0.894
7.8
0.897
-107.9
0.153
-85.9
0.702
19.5
9.750
0.897
3.5
0.851
-112.4
0.151
-90.3
0.715
17.2
10.000
0.899
0.0
0.812
-116.8
0.149
-95.2
0.724
14.2
10.250
0.902
-3.1
0.771
-121.0
0.146
-100.3
0.731
11.1
10.500
0.905
-6.0
0.743
-125.0
0.142
-104.9
0.733
8.5
10.750
0.906
-8.5
0.711
-129.0
0.137
-109.0
0.743
5.9
11.000
0.907
-10.9
0.684
-132.7
0.135
-112.4
0.746
3.1
11.250
0.912
-13.0
0.662
-136.8
0.133
-115.3
0.749
0.1
11.500
0.916
-15.8
0.644
-140.1
0.133
-118.3
0.739
-3.4
11.750
0.915
-18.3
0.632
-144.0
0.133
-121.2
0.734
-6.9
12.000
0.912
-21.2
0.620
-147.9
0.136
-124.8
0.723
-11.4


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1500DFN_ LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD3000SOT89_1 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
FPD6836P70_1 LOW NOISE HIGH FREQUENCY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPM2750QFN LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE 1  2  3  4  5  More Filtronic Compound Semiconductors
AMMC-6232 18 to 32 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
AMMC-6222 7 to 21 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
RF3865 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
RF3866 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn