Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD2250SOT89 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part No. FPD2250SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD2250SOT89 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD2250SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD2250SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v3.0
FPD2250SOT89
TYPICAL OUTPUT PLANE POWER CONTOURS: (VDS = 5v, IDS = 50%IDSS)
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
FPD2250SOT89 POWER CONTUORS 900MHz
Swp Max
115
Swp Min
1
29dBm
27dBm
26dBm
25dBm
24dBm
23dBm
28dBm
10.0
5.0
3.0
4.0
-0.2
-0
.4
FPD2250SOT89 POWER CONTUORS 1850MHz
Swp Max
145
Swp Min
1
29dBm
28dBm
27dBm
26dBm
25dBm
24dBm
1850 MHz
Contours swept with a constant input power,
set so that optimum P1dB is achieved at the
point of output match.
Input (Source plane)
Γs:
0.59
∠ -177.5º
0.25 - j0.02 (normalized)
12.5 – j1.0 Ω
Nominal IP3 performance is obtained with
this input plane match, and the output plane
match as shown.
900 MHz
Contours swept with a constant input power,
set so that optimum P1dB is achieved at the
point of output match.
Input (Source plane)
Γs:
0.67
∠ 103.6º
0.30 + j0.74 (normalized)
15 + j37.0 Ω
Nominal IP3 performance is obtained with
this input plane match, and the output plane
match as shown.
TYPICAL SCATTERING PARAMETERS (50Ω SYSTEM):
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.
4
FPD2250SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S11
1 GHz
1.5 GHz
2 GHz
2.5 GHz
3 GHz
3.5 GHz
4 GHz
5 GHz
6 GHz
7 GHz
10.0
5.
0
3.
0
4.
0
-0
.2
-0
.
4
FPD2250SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S22
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1500DFN_ LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD3000SOT89_1 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
FPD6836P70_1 LOW NOISE HIGH FREQUENCY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPM2750QFN LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE 1  2  3  4  5  More Filtronic Compound Semiconductors
AMMC-6232 18 to 32 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
AMMC-6222 7 to 21 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
RF3865 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
RF3866 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn