Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD3000SOT89 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part No. FPD3000SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD3000SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
2
FPD3000SOT89
Datasheet v3.0
ABSOLUTE MAXIMUM RATING1:
Notes:
PARAMETER
SYMBOL
TEST CONDITIONS
ABSOLUTE MAXIMUM
Drain-Source Voltage
VDS
-3V < VGS < -0.5V
8V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3V
Drain-Source Current
IDS
For VDS < 2V
IDss
Gate Current
IG
Forward or reverse current
30mA
RF Input Power
2
PIN
Under any acceptable bias state
600mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175°C
Storage Temperature
TSTG
Non-Operating Storage
-40°C to 150°C
Total Power Dissipation
PTOT
See De-Rating Note below
3.5W
Gain Compression
Comp.
Under any bias conditions
5dB
Simultaneous Combination of Limits
3
2 or more Max. Limits
1TAmbient = 22°C unless otherwise noted; exceeding any one of these absolute maximum ratings may cause
permanent damage to the device
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
4Total Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT,
where PDC: DC Bias Power, PIN: RF Input Power, POUT: RF Output Power
Total Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 3.5 - (0.028W/°C) x TPACK
where TPACK= source tab lead temperature above 22°C
(coefficient of de-rating formula is the Thermal Conductivity)
Example: For a 65
°C carrier temperature: PTOT = 3.5W – (0.028 x (65 – 22)) = 2.3W
BIASING GUIDELINES:
Active bias circuits provide good performance stabilization over variations of operating
temperature, but require a larger number of components compared to self-bias or dual-biased.
Such circuits should include provisions to ensure that Gate bias is applied before Drain bias,
otherwise the pHEMT may be induced to self-oscillate
Dual-bias circuits are relatively simple to implement, but will require a regulated negative voltage
supply for depletion-mode devices.
For standard Class A operation, a 50% of IDSS bias point is recommended. A small amount of
RF gain expansion prior to the onset of compression is normal for this operating point. A Class
A/B Bias of 25% to 33% of IDSS to achieve better OIP3 performance is suggested.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1500DFN_ LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
FPD6836P70_1 LOW NOISE HIGH FREQUENCY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPM2750QFN LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE 1  2  3  4  5  More Filtronic Compound Semiconductors
AMMC-6232 18 to 32 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
AMMC-6222 7 to 21 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
RF3865 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
RF3866 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
AD829_04 High Speed Low Noise Video Op Amp 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn