Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD3000SOT89 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part No. FPD3000SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  FPD3000SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
1
FPD3000SOT89
Datasheet v3.0
PACKAGE:
YPICAL
APPLICATIONS:
in PCS/Cellular
nd other types
FEATURES (1850MHZ):
30 dBm Output Power (P1dB)
13 dB Small-Signal Gain (SSG)
1.3 dB Noise Figure
45 dBm Output IP3
45% Power-Added Efficiency
FPD3000SOT89E: RoHS compliant
(Directive 2002/95/EC)
GENERAL DESCRIPTION:
The FPD3000SOT89 is a packaged depletion
mode AlGaAs/InGaAs pseudomorphic High
Electron Mobility Transistor (pHEMT). It
utilizes a 0.25 µm x 3000 µm Schottky barrier
Gate, defined by high-resolution stepper-
based photolithography. The double recessed
Gate structure minimizes parasitics to optimize
performance, with an epitaxial structure
designed for improved linearity over a range of
bias conditions and i/p power levels.
RoHS
T
Drivers or output stages
base station transmitter amplifiers
High intercept-point LNAs
WLL and WLAN systems, a
of wireless infrastructure systems.
ELECTRICAL SPECIFICATIONS:
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power at 1dB Gain Compression
P1dB
VDS = 5 V; IDS = 50% IDSS
29
30
dBm
Small-Signal Gain
SSG
VDS = 5 V; IDS = 50% IDSS
11.5
13
dB
Power-Added Efficiency
PAE
VDS = 5 V; IDS = 50% IDSS;
POUT = P1dB
45
%
Noise Figure
NF
VDS = 5 V; IDS = 50% IDSS
VDS = 5 V; IDS = 25% IDSS
1.3
0.9
dB
Output Third-Order Intercept Point
(from 15 to 5 dB below P1dB)
IP3
VDS = 5V; IDS = 50% IDSS
Matched for optimal power
Matched for best IP3
42
45
dBm
Saturated Drain-Source Current
IDSS
VDS = 1.3 V; VGS = 0 V
750
930
1100
mA
Maximum Drain-Source Current
IMAX
VDS = 1.3 V; VGS
≅ +1 V
1.5
mA
Transconductance
GM
VDS = 1.3 V; VGS = 0 V
800
mS
Gate-Source Leakage Current
IGSO
VGS = -5 V
2
20
µA
Pinch-Off Voltage
|VP|
VDS = 1.3 V; IDS = 3 mA
0.7
1.0
1.3
V
Gate-Source Breakdown Voltage
|VBDGS|
IGS = 3 mA
12
16
V
Gate-Drain Breakdown Voltage
|VBDGD|
IGD = 3 mA
12
16
V
Thermal Resistance
R
θJC
35
°C/W
Note: TAMBIENT = 22°; RF specification measured at f = 1850 MHz using CW signal (except as noted)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn