Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD3000SOT89 Datasheet(PDF) 6 Page - Filtronic Compound Semiconductors

Part No. FPD3000SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 6 Page - Filtronic Compound Semiconductors

  FPD3000SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
6
FPD3000SOT89
Datasheet v3.0
PACKAGE OUTLINE:
(dimensions in millimeters – mm)
TAPE DIMENSIONS AND PART ORIENTATION
● Also available with horizontal
part orientation
● Hub diameter = 80mm
● Devices per reel = 1000


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1500DFN_ LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
FPD6836P70_1 LOW NOISE HIGH FREQUENCY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPM2750QFN LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE 1  2  3  4  5  More Filtronic Compound Semiconductors
AMMC-6232 18 to 32 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
AMMC-6222 7 to 21 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
RF3865 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
RF3866 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
AD829_04 High Speed Low Noise Video Op Amp 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn