Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD3000SOT89 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD3000SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD3000SOT89 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD3000SOT89_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD3000SOT89_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
5
FPD3000SOT89
Datasheet v3.0
S-PARAMETERS: (BIASED @ 5V, 50%IDSS)
FREQ[GHz]
S11m
S11a
S21m
S21a
S12m
S12a
S22m
S22a
0.050
0.946
-24.3
36.120
159.0
0.006
79.8
0.175
-145.5
0.300
0.824
-97.5
19.282
120.3
0.027
56.8
0.384
-150.1
0.550
0.761
-132.1
12.243
103.2
0.037
45.6
0.478
-165.4
0.800
0.779
-150.7
8.992
91.8
0.043
40.5
0.507
-172.3
1.050
0.771
-163.6
7.020
84.0
0.048
38.3
0.522
-179.1
1.300
0.775
-173.0
5.802
76.3
0.054
35.9
0.529
176.4
1.550
0.779
178.6
4.934
70.1
0.059
34.7
0.528
171.9
1.800
0.775
171.1
4.306
63.6
0.064
31.7
0.532
167.4
2.050
0.778
164.5
3.834
57.8
0.069
29.8
0.529
163.2
2.300
0.780
158.1
3.444
52.0
0.074
27.5
0.531
158.7
2.550
0.777
152.3
3.131
46.1
0.080
24.3
0.531
154.2
2.800
0.778
146.8
2.878
40.4
0.085
22.1
0.534
149.1
3.050
0.782
142.6
2.636
34.9
0.088
19.1
0.537
143.6
3.300
0.784
137.7
2.459
29.4
0.093
15.6
0.544
138.2
3.550
0.785
133.2
2.286
24.0
0.097
12.7
0.545
132.9
3.800
0.790
129.0
2.146
18.7
0.101
9.6
0.551
127.8
4.050
0.790
124.8
2.017
13.3
0.105
5.7
0.555
123.2
4.300
0.806
120.7
1.896
9.0
0.106
4.5
0.575
118.8
4.550
0.800
115.1
1.821
3.4
0.113
1.5
0.574
113.3
4.800
0.794
111.6
1.728
-1.4
0.117
-2.0
0.575
109.7
5.050
0.800
107.0
1.648
-6.7
0.121
-5.4
0.577
105.9
5.300
0.801
102.6
1.576
-11.5
0.123
-8.6
0.580
102.6
5.550
0.805
98.0
1.516
-16.5
0.128
-11.8
0.583
98.7
5.800
0.806
93.8
1.461
-21.4
0.132
-14.7
0.583
95.2
6.050
0.808
89.5
1.411
-26.2
0.136
-18.0
0.586
91.1
6.300
0.810
85.4
1.360
-31.2
0.139
-21.3
0.588
86.9
6.550
0.811
81.3
1.317
-36.3
0.143
-24.6
0.593
82.4
6.800
0.814
77.4
1.272
-41.2
0.146
-28.2
0.592
77.7
7.050
0.818
73.2
1.232
-46.3
0.151
-31.7
0.601
73.0
7.300
0.821
69.0
1.189
-51.3
0.153
-35.1
0.607
68.2
7.550
0.829
64.8
1.149
-56.4
0.157
-38.8
0.614
63.5
7.800
0.831
60.2
1.108
-61.4
0.159
-42.5
0.623
59.3
8.050
0.839
55.5
1.066
-66.3
0.160
-46.5
0.634
55.3


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FPD1500DFN_ LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPD1050SOT89 LOW NOISE HIGH LINEARITY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
SPF-2000 Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation 1  2  3  SIRENZA MICRODEVICES
FPD6836P70_1 LOW NOISE HIGH FREQUENCY PACKAGED PHEMT 1  2  3  4  5  More Filtronic Compound Semiconductors
FPM2750QFN LOW NOISE HIGH LINEARITY BALANCED AMPLIFIER MODULE 1  2  3  4  5  More Filtronic Compound Semiconductors
AMMC-6232 18 to 32 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
AMMC-6222 7 to 21 GHz GaAs High Linearity Low Noise Amplifier 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
RF3865 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
RF3866 WIDE BANDWIDTH HIGH LINEARITY LOW NOISE AMPLIFIER/LINEAR DRIVER 1  2  3  4  5  More RF Micro Devices
AD829_04 High Speed Low Noise Video Op Amp 1  2  3  4  5  More Analog Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn