Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD3000SOT89 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part No. FPD3000SOT89
Description  LOW NOISE HIGH LINEARITY PACKAGED PHEMT
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo 

FPD3000SOT89 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
FPD3000SOT89
Datasheet v3.0
TYPICAL OUTPUT PLANE POWER CONTOURS: (VDS = 5v, IDS = 50%IDSS)
0
1.
0
1.
0
-
1.
0
10
.0
10.0
-10.0
5.
0
5.0
-5.0
2.
0
2.
0
-
2.
0
3.
0
3.0
-3.0
4.
0
4.0
-4.0
0.
2
0.2
-0.2
0.
4
0.4
-0.4
0.
6
0.
6
-
0.
6
0.
8
0.
8
-
0.
8
Swp Max
131
Swp Min
1
29dBm
28dBm
27dBm
26dBm
25dBm
24dBm
30dBm
0
1.
0
1.
0
-
1.
10
.0
10.
-
5.
0
5.
-
2.
0
2.
0
-
2.
3.
0
3.
-
4.
0
4.
-
0.
2
0.
-
0.
4
0.
-
0.
6
0.
6
-
0.
0.
8
0.
8
-
0.
Swp Max
143
Swp Min
1
30dBm
29dBm
28dBm
27dBm
26dBm
25dBm
24dBm
1850 MHz
Contours swept with a constant input power,
set so that optimum P1dB is achieved at the
point of output match.
Input (Source plane)
Γs:
0.70
∠ -165.5º
0.17 - j0.12 (normalized)
8.5 – j6.0 Ω
Nominal IP3 performance is obtained with
this input plane match, and the output plane
match as shown.
900 MHz
Contours swept with a constant input power,
set so that optimum P1dB is achieved at the
point of output match.
Input (Source plane)
Γs:
0.78
∠ -147.4º
0.13 - j0.29 (normalized)
6.5 – j14.5 Ω
Nominal IP3 performance is obtained with
this input plane match, and the output plane
match as shown.
TYPICAL SCATTERING PARAMETERS (50Ω SYSTEM):
10.0
5.
0
3.
0
4.
0
-0
.2
-
0
.
4
FPD3000SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S22
1 GHz
2 GHz
3 GHz
4 GHz
5 GHz
6 GHz
7 GHz
0
1.
0
1.
0
-
1.
0
10
.0
10.0
-10.0
5.
0
5.0
-5.0
2.
0
2.
0
-
2.
0
3.
0
3.0
-3.0
4.
0
4.0
-4.0
0.
2
0.2
-0.2
0.
4
0.4
-0.4
0.
6
0.
6
-
0.
6
0.
8
0.
8
-
0.
8
FPD3000SOT89 5V / 50%IDSS
Swp Max
8GHz
Swp Min
0.5GHz
S11
1 GHz
1.5 GHz
2 GHz
2.5 GHz
3 GHz
3.5 GHz
4 GHz
5 GHz
6 GHz
7 GHz


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn