Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD6836P70 Datasheet(PDF) 5 Page - Filtronic Compound Semiconductors

Part No. FPD6836P70
Description  LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD6836P70 Datasheet(HTML) 5 Page - Filtronic Compound Semiconductors

  FPD6836P70_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
5
FPD6836P70
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
Datasheet v3.0
5
FPD6836P70
REFERENCE DESIGN 5.15 TO 5.85 GHZ:
SCHEMATIC
FREQUENCY
GHZ
5.5
Gain
dB
16
N.F.
dB
1.0
P1dB
dBm
19.5
IP3
dBm
30
S11
dB
-6
S22
dB
-26
Vd
V
5
Vg
V
-0.4 to -0.6
Id
mA
55
CAP
ID=C1
C=33 pF
CAP
ID=C2
C=33 pF
MLEF
ID=TL1
W=40 mil
L=190 mil
MLIN
ID=TL2
W=70 mil
L=420 mil
MLIN
ID=TL3
W=40 mil
L=100 mil
MLIN
ID=TL5
W=5 mil
L=280 mil
MLIN
ID=TL6
W=45 mil
L=30 mil
MRST UB2
ID=TL8
Ri=20 mil
Ro=350 mil
Theta=90 Deg
12
3
MTEE
ID=TL9
W1=70 mil
W2=40 mil
W3=40 mil
12
3
MTEE
ID=TL10
W1=45 mil
W2=70 mil
W3=45 mil
RES
ID=R1
R=20 Ohm
CAP
ID=C4
C=33 pF
CAP
ID=C5
C=33 pF
CAP
ID=C7
C=1000000 pF
MLEF
ID=TL11
W=220 mil
L=380 mil
MLIN
ID=TL14
W=50 mil
L=100 mil
MLIN
ID=TL15
W=50 mil
L=50 mil
MLIN
ID=TL16
W=5 mil
L=310 mil
MLIN
ID=TL17
W=150 mil
L=120 mil
MLIN
ID=TL19
W=100 mil
L=100 mil
MRSTUB2
ID=TL20
Ri=20 mil
Ro=268 mil
Theta=90 Deg
12
3
MTEE
ID=TL21
W1=150 mil
W2=45 mil
W3=45 mil
1
2
3
MTEE
ID=TL22
W1=150 mil
W2=100 mil
W3=220 mil
MLIN
ID=TL4
W=50 mil
L=100 mil
DCVS
ID=VG
V=-0.5 V
DCVS
ID=VD
V=5 V
1
2
SUBCKT
ID=Q1
NET="FET"
PORT
P=1
Z=50 Ohm
PORT
P=3
Z=50 Ohm
23
45
67
89
Frequency (GHz)
FPD6836P70 5.5GHz Eval Board Biased @ 5V, 55mA
-30
-25
-20
-15
-10
-5
0
5
10
15
20
DB(|S(2,1)|)
DB(|S(1,1)|)
DB(|S(2,2)|)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn