Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FPD6836P70 Datasheet(PDF) 4 Page - Filtronic Compound Semiconductors

Part No. FPD6836P70
Description  LOW NOISE HIGH FREQUENCY PACKAGED PHEMT
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FILTRONIC [Filtronic Compound Semiconductors]
Homepage  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD6836P70 Datasheet(HTML) 4 Page - Filtronic Compound Semiconductors

  FPD6836P70_1 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 3Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 4Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 5Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 6Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 7Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 8Page - Filtronic Compound Semiconductors FPD6836P70_1 Datasheet HTML 9Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Specifications subject to change without notice
Filtronic Compound Semiconductors Ltd
Tel: +44 (0) 1325 301111
Fax: +44 (0) 1325 306177
Email: sales@filcs.com
Website: www.filtronic.com
4
Datasheet v3.0
FPD6836P70
TEMPERATURE RESPONSE:
FPD6836P70 Inte rmodulation Vari ati on ove r Te mpe rature
VDS = 5.0V IDS = 55mA at f = 5.8GHz
-50.00
-45.00
-40.00
-35.00
-30.00
-40
-20
0
204060
80
Temperature (C)
IM3
FPD6836P70 Gain & Powe r Vari ati on ove r Te mpe rature
VDS = 5.0V IDS = 55mA at f = 5.8GHz
14.00
15.00
16.00
17.00
18.00
19.00
-40
-20
0
20
406080
Temperature (C)
12.00
13.00
14.00
15.00
16.00
17.00
18.00
19.00
20.00
21.00
22.00
SSG
P1dB
NOTE: Typical power, gain and Inter-modulation variation over temperature is shown above. The devices
were biased nominally at VDS = 5V, IDS = 55mA at a test frequency of 5.8 GHz on eval board. The eval
board is tuned for minimum noise and maximum gain. The 1dB compression point is lower than the typical
number due to the change in matching.
NOISE PARAMETERS:
Freq
(GHz)
Mag
Angle
0.90
0.747
15.70
0.165
1.80
0.623
24.95
0.176
2.40
0.795
37.45
0.158
2.60
0.640
47.15
0.159
2.80
0.670
47.90
0.160
3.20
0.617
51.20
0.156
4.00
0.542
68.70
0.141
5.00
0.465
85.00
0.120
5.50
0.431
91.10
0.114
6.00
0.366
101.15
0.107
7.00
0.262
122.10
0.096
8.00
0.188
153.60
0.100
9.00
0.135
-165.60
0.121
10.00
0.162
-126.80
0.138
11.00
0.183
-85.95
0.187
12.00
0.270
-68.40
0.239
13.00
0.343
-50.25
0.355
14.00
0.431
-43.95
0.461
15.00
0.573
-25.80
0.604
Rn/50
Bias 5V, 50mA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn