Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM1B Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. EM1B
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EM1B Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  EM1B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EM1B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
5
15
25
20
30
40
35
45
20
TJ=125
8.3ms Single Half
Sine-Wave
24
10
8
100
40
60 80
0
0
0.2
0.4
0.6
0.8
1.0
100
25
50
75
150
125
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.02
0.06
0.04
0.1
0.2
0.4
1.0
2
4
10
100
TJ=25
PulseWidth=300uS
1.8
2.0
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260019
2.
FIG.3 -- PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.5--TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
EM1Y(Z) --- EM1C(Z)
AMBIENT TEMPERATURE,
FORWARD VOLTAGE,VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- TYPICAL FORWARD CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES
.2
TJ=25
f=1MHz
1
.1
2
4
.4
1.0
2
40
10
20
60
100
410
20
40
100


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1A1_07MINIATURE PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
BY251PLASTIC SILICON RECTIFIER 1 2 3 Galaxy Semi-Conductor Holdings Limited
BYM32PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
PS150_07PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
1S1885PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
1S1941PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
PS200_07PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
1A1PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
EM01ZPLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
1N4001PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn