Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EM1A Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. EM1A
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

EM1A Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  EM1A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited EM1A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Low cost
Diffused junction
Low leakage
Low forward voltage drop
High current capability
and similar solvents
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic
Terminals: Axial lead ,solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.012ounces,0.34 gram s
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
am bient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
EM1
EM1A
EM1B
EM1C
UNITS
Maximum recurrent peak reverse voltage
VRRM
400
600
800
1000
V
Maximum RMS voltage
VRMS
280
420
560
700
V
Maximum DC blocking voltage
VDC
400
600
800
1000
V
Maximum average forw ard rectified current
9.5mm lead length,
@T
A=75
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load
@T
J=125
Maximum instantaneous forw ard voltage
@ 1.0 A
VF
V
Maximum reverse current
@T
A=25
at rated DC blocking voltage
@T
A=100
Typical junction capacitance
(Note1)
CJ
pF
Typical thermal resistance
(Note2)
RθJA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
0.97
2. Thermal resistance f rom junction to ambient.
A
NOTE: 1. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC.
- 55---- +150
- 55---- + 150
15
50
IR
VOLTAGE RANGE: 100 --- 1000 V
CURRENT:
1.0 A
A
IFSM
1.0
A
PLASTIC SILICON RECTIFIER
IF(AV)
200
EM1Z
45.0
5.0
50.0
EM1Y(Z)---EM1C(Z)
GALAXY ELECTRICAL
DO - 41
100
70
100
EM1Y
Easily cleaned with Freon,Alcohol,Isopropanol
200
The plastic material carries U/L recognition 94V-0
140
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0260019
1.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1A1_07MINIATURE PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
BY251PLASTIC SILICON RECTIFIER 1 2 3 Galaxy Semi-Conductor Holdings Limited
BYM32PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
PS150_07PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
1S1885PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
1S1941PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
PS200_07PLASTIC SILICON RECTIFIER 1 2 Pan Jit International Inc.
1A1PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
EM01ZPLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited
1N4001PLASTIC SILICON RECTIFIER 1 2 Galaxy Semi-Conductor Holdings Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn