Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1S1885 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part No. 1S1885
Description  PLASTIC SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1S1885 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  1S1885 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1S1885 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
25
0
50
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
025
.50
1.25
.75
1.00
1.50
100
12 5
175
150
1
2
4
10
82 0
40
6 0
80
100
0
TJ=125℃
8.3ms Single Half
Sine-Wave
20
40
60
80
TJ=25
Pulse W idth=300uS
1.6
1.4
1.2
1.0
0.8
0.6
2
4
10
0.01
0.02
0.04
0.06
0.1
0.2
0.4
1.0
100
.2
2
1
.1
4
.4
1.0
2
40
10
20
60
100
4
10
20
40
100
f=1MHz
TJ=25
BLGALAXY ELECTRICAL
www.galaxycn.com
Document Number 0260016
2.
1S1885(Z)---1S1888(Z)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL JUNCTION CAPACITANCE
RATINGS AND CHARACTERISTIC CURVES
FIG.3 -- PEAK FORWARD SURGE CURRENT
FIG.4 -- FORWARD DERATING CURVE
AMBIENT TEMPERATURE,


Similar Part No. - 1S1885

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
1S1885 TOSHIBA-1S1885 Datasheet
134Kb / 2P
   RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
SynSemi, Inc.
SynSemi, Inc.
1S1885 SYNSEMI-1S1885 Datasheet
35Kb / 2P
   SILICON RECTIFIER DIODES
EIC discrete Semiconductors
EIC discrete Semiconduc...
1S1885 EIC-1S1885 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
SUNMATE electronic Co., LTD
SUNMATE electronic Co.,...
1S1885 SUNMATE-1S1885 Datasheet
313Kb / 2P
   PLASTIC SILICON RECTIFIER DIODES
Diode Semiconductor Korea
Diode Semiconductor Kor...
1S1885 DSK-1S1885 Datasheet
247Kb / 2P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1S1885

ManufacturerPart No.DatasheetDescription
Transys Electronics
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
   PLASTIC SILICON RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
   PLASTIC SILICON RECTIFIER
Kwang Myoung I.S. CO.,LTD
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
   PLASTIC SILICON RECTIFIER
Galaxy Semi-Conductor Holdings Limited
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
   PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
   PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
   PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
   PLASTIC SILICON RECTIFIER
Pan Jit International Inc.
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
   PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
   PLASTIC SILICON RECTIFIER
CHENG-YI ELECTRONIC CO., LTD.
CHENG-YI ELECTRONIC CO....
P600 CHENG-YI-P600 Datasheet
632Kb / 2P
   PLASTIC SILICON RECTIFIER
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz